Electronic Components Datasheet Search
  English  ▼

X  

2N2484HR Datasheet(PDF) 10 Page - STMicroelectronics

Part # 2N2484HR
Description  Hi-Rel NPN bipolar transistor 60 V - 50 mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484HR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 2N2484HR Datasheet HTML 4Page - STMicroelectronics 2N2484HR Datasheet HTML 5Page - STMicroelectronics 2N2484HR Datasheet HTML 6Page - STMicroelectronics 2N2484HR Datasheet HTML 7Page - STMicroelectronics 2N2484HR Datasheet HTML 8Page - STMicroelectronics 2N2484HR Datasheet HTML 9Page - STMicroelectronics 2N2484HR Datasheet HTML 10Page - STMicroelectronics 2N2484HR Datasheet HTML 11Page - STMicroelectronics 2N2484HR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Order codes
2N2484HR
10/12
Doc ID 17734 Rev 1
5
Order codes
Contact ST sales office for information about the specific conditions for:
–
Products in die form
–
Tape & reel packing
Table 8.
Order codes
Order codes
ESCC Part
number
Packages
Lead Finish
Marking
EPPL
Packing
2N2484UB1
-
LCC-3UB
Gold
2N2484UB1
-
Waffle pack
2N2484UB06
5201/001/06
LCC-3UB
Gold
520100106
-
Waffle pack
2N2484UB07
5201/001/07
LCC-3UB
Solder Dip
520100107
-
Waffle pack
SOC2484
-
LCC-3
Gold
SOC2484
-
Waffle pack
SOC2484HRB
5201/001/01 or 02
LCC-3
Gold or Solder Dip(1)
1.
Depending ESCC part number mentioned on the purchase order.
520100101 or 02
-
Waffle pack
2N2484HR
5201/001/04 or 05
TO-18
Gold or Solder Dip(1)
520100104 or 05
Y
Strip pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com