Electronic Components Datasheet Search
  English  ▼

X  

2N2484HR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N2484HR
Description  Hi-Rel NPN bipolar transistor 60 V - 50 mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484HR Datasheet(HTML) 3 Page - STMicroelectronics

  2N2484HR Datasheet HTML 1Page - STMicroelectronics 2N2484HR Datasheet HTML 2Page - STMicroelectronics 2N2484HR Datasheet HTML 3Page - STMicroelectronics 2N2484HR Datasheet HTML 4Page - STMicroelectronics 2N2484HR Datasheet HTML 5Page - STMicroelectronics 2N2484HR Datasheet HTML 6Page - STMicroelectronics 2N2484HR Datasheet HTML 7Page - STMicroelectronics 2N2484HR Datasheet HTML 8Page - STMicroelectronics 2N2484HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2N2484HR
Electrical characteristics
Doc ID 17734 Rev 1
3/12
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
V(BR)CBO
Collector-base
breakdown voltage
IC = 10 µA
60
-
V
V(BR)CEO
(2)
Collector-emitter
breakdown voltage
IC = 10 mA
60
-
V
V(BR)EBO
Emitter-base breakdown
voltage
IE = 10 µA
6
-
V
ICBO
Collector-base cut-off
current
VCB = 45 V
-
10
nA
ICBO
Emitter-base cut-off
current
VEB = 5 V
-
10
nA
VCE(SAT)
(2)
Collector-emitter
saturation voltage
IC = 1 mA
IB = 0.1 mA
-
0.35
V
hFE
(2)
DC forward current
transfer ratio
IC = 1 µA
VCE = 5 V
IC = 10 µA
VCE = 5 V
IC = 100 µA
VCE = 5 V
IC = 1 mA
VCE = 5 V
IC = 10 mA
VCE = 5 V
30
100
175
250
-
500
550
650
800
hfe
High frequency current
Gain 1
VCE = 5 V
IC = 50 µA
f = 5 MHz
3-
High frequency current
Gain 2
VCE = 5 V
IC = 500 µA
f = 30 MHz
2-
Cobo
Output capacitance
VCB = 5 V
IE = 0
f = 1 MHz
-6
pF
Cibo
Input capacitance
VEB = 0.5 V
IC = 0
f = 1 MHz
-6
pF
hFE
Small signal current gain
IC = 1 mA
VCE = 5 V
f = 1 kHz
150
-
900
hie
Small signal input
impedance
IC = 1 mA
VCE = 5 V
f = 1 kHz
3.5
-
24
k
Ω
hoc
Small signal output
impedance
IC = 1 mA
VCE = 5 V
f = 1 kHz
-40
µmho
hre
Small signal reverse
voltage transfer ratio
IC = 1 mA
VCE = 5 V
f = 1 kHz
-
800
10-6
NFW
Wide-Band noise
VCE = 5 V
IC = 10 µA
RS = 10 kΩ
-3
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com