Electronic Components Datasheet Search
  English  ▼

X  

2N2484HR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2N2484HR
Description  Hi-Rel NPN bipolar transistor 60 V - 50 mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484HR Datasheet(HTML) 4 Page - STMicroelectronics

  2N2484HR Datasheet HTML 1Page - STMicroelectronics 2N2484HR Datasheet HTML 2Page - STMicroelectronics 2N2484HR Datasheet HTML 3Page - STMicroelectronics 2N2484HR Datasheet HTML 4Page - STMicroelectronics 2N2484HR Datasheet HTML 5Page - STMicroelectronics 2N2484HR Datasheet HTML 6Page - STMicroelectronics 2N2484HR Datasheet HTML 7Page - STMicroelectronics 2N2484HR Datasheet HTML 8Page - STMicroelectronics 2N2484HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
2N2484HR
4/12
Doc ID 17734 Rev 1
NFN1
Spot noise figure
VCE = 5 V
IC = 10 µA
RS = 10 kΩ
f = 100 Hz
Power BW = 200 Hz
-3
dB
NFN2
VCE = 5 V
IC = 10 µA
RS = 10 kΩ
f = 1 kHz
Power BW = 20 Hz
-10
NFN3
VCE = 5 V
IC = 10 µA
RS = 10 kΩ
f = 10 kHz
Power BW = 2 Hz
-2
1.
Measurement performed on a sample basis, LTPD 7 or less.
2.
Pulse measurement: Pulse width
≤ 300 µs, duty cycle ≤ 1.0 %
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
Table 6.
Electrical characteristics at high and low temperatures
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector-base cut-off
current
VCB = 45 V
Tamb = 150 °C
-
10
µA
hFE2
DC forward current
transfer ratio
IC = 10 µA
VCE = 5 V
Tamb = - 55 °C
20
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com