Electronic Components Datasheet Search
  English  ▼

X  

2N2484HR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 2N2484HR
Description  Hi-Rel NPN bipolar transistor 60 V - 50 mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484HR Datasheet(HTML) 5 Page - STMicroelectronics

  2N2484HR Datasheet HTML 1Page - STMicroelectronics 2N2484HR Datasheet HTML 2Page - STMicroelectronics 2N2484HR Datasheet HTML 3Page - STMicroelectronics 2N2484HR Datasheet HTML 4Page - STMicroelectronics 2N2484HR Datasheet HTML 5Page - STMicroelectronics 2N2484HR Datasheet HTML 6Page - STMicroelectronics 2N2484HR Datasheet HTML 7Page - STMicroelectronics 2N2484HR Datasheet HTML 8Page - STMicroelectronics 2N2484HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2N2484HR
Test circuit
Doc ID 17734 Rev 1
5/12
3
Test circuit
Figure 2.
Circuit for electrical measurements
AM07818v1
Table 7.
List of components
Component
Description
C1, C2, C5
3.0 - 35 pF
C3 (1)
24 pF
C4
0.4 - 7.0 pF
L1
Straight piece n° 16 bare tin wire, 5/8 inch long
L2
3 turns n° 16 wire, 1/4 inch ID, 5/16 inch long
L3
1 turn n° 18 wire, 1/4 inch ID, 1/4 inch long
L4
Ferrite rf choke, Z = 450
Ω
1.
For optimum performance, C3 should be mounted as close as possible to the base lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com