Electronic Components Datasheet Search
  English  ▼

X  

S29AS016J Datasheet(PDF) 26 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 26 Page - SPANSION

Back Button S29AS016J Datasheet HTML 22Page - SPANSION S29AS016J Datasheet HTML 23Page - SPANSION S29AS016J Datasheet HTML 24Page - SPANSION S29AS016J Datasheet HTML 25Page - SPANSION S29AS016J Datasheet HTML 26Page - SPANSION S29AS016J Datasheet HTML 27Page - SPANSION S29AS016J Datasheet HTML 28Page - SPANSION S29AS016J Datasheet HTML 29Page - SPANSION S29AS016J Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
26
S29AS016J
S29AS016J_00_11 February 1, 2012
Da ta
Sh e e t
8.
Secured Silicon Sector Flash Memory Region
The Secured Silicon Sector feature provides a 256-byte Flash memory region that enables permanent part
identification through an Electronic Serial Number (ESN). The Secured Silicon Sector uses a Secured Silicon
Sector Indicator Bit (DQ7) to indicate whether or not the Secured Silicon Sector is locked when shipped from
the factory. This bit is permanently set at the factory and cannot be changed, which prevents cloning of a
factory-locked part. This ensures the security of the ESN once the product is shipped to the field.
Spansion offers the device with the Secured Silicon Sector either factory-locked or customer-lockable. The
factory-locked version is always protected when shipped from the factory, and has the Secured Silicon Sector
Indicator Bit permanently set to a 1. The customer-lockable version is shipped with the Secured Silicon
Sector group unprotected, allowing customers to utilize the that sector in any manner they choose. The
customer-lockable version has the Secured Silicon Sector Indicator Bit permanently set to a 0. Thus, the
Secured Silicon Sector Indicator Bit prevents customer-lockable devices from being used to replace devices
that are factory locked.
The system accesses the Secured Silicon Sector through a command sequence (see Enter Secured Silicon
Sector/Exit Secured Silicon Sector Command Sequence on page 32). After the system writes the Enter
Secured Silicon Sector command sequence, it may read the Secured Silicon Sector by using the addresses
normally occupied by the boot sectors. This mode of operation continues until the system issues the Exit
Secured Silicon Sector command sequence, or until power is removed from the device. On power-up, or
following a hardware reset, the device reverts to sending commands to the boot sectors.
8.1
Factory Locked: Secured Silicon Sector Programmed
and Protected at the Factory
In a factory locked device, the Secured Silicon Sector is protected when the device is shipped from the
factory. The Secured Silicon Sector cannot be modified in any way. The device is available pre-programmed
with one of the following:
 A random, secure ESN only.
 Customer code through the ExpressFlash service.
 Both a random, secure ESN and customer code through the ExpressFlash service.
In devices that have an ESN, a Bottom Boot device has the 16-byte (8-word) ESN in sector 0 at addresses
00000h–0000Fh in byte mode (or 00000h–00007h in word mode). In the Top Boot device, the ESN is in
sector 38 at addresses 1FFFF0–1FFFFF in byte mode (or FFFF8–FFFFF in word mode).
Customers may opt to have their code programmed by Spansion through the Spansion ExpressFlash
service. Spansion programs the customer’s code, with or without the random ESN. The devices are then
shipped from the Spansion factory with the Secured Silicon Sector permanently locked. Contact a Spansion
representative for details on using the Spansion ExpressFlash service.
8.2
Customer Lockable: Secured Silicon Sector NOT Programmed
or Protected at the Factory
The customer lockable version allows the Secured Silicon Sector to be programmed once, and then
permanently locked after it ships from Spansion. Note that the unlock bypass function is not available when
programming the Secured Silicon Sector.
The Secured Silicon Sector area can be protected using the following procedures:
 Write the three-cycle Enter Secured Silicon Region command sequence, and then follow the in-system
sector group protect algorithm as shown in Figure 7.1 on page 23, substituting the sector group address
with the Secured Silicon Sector group address (A0=0, A1=1, A2=0, A3=1, A4=1, A5=0, A6=0, A7=0). This
allows in-system protection of the Secured Silicon Sector without raising any device pin to a high voltage.
Note that this method is only applicable to the Secured Silicon Sector.
 To verify the protect/unprotect status of the Secured Silicon Sector, follow the algorithm shown in
Figure 8.1 on page 27.
Once the Secured Silicon Sector is locked and verified, the system must write the Exit Secured Silicon Sector
Region command sequence to return to reading and writing the remainder of the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com