Electronic Components Datasheet Search
  English  ▼

X  

S29AS016J Datasheet(PDF) 43 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 43 Page - SPANSION

Back Button S29AS016J Datasheet HTML 39Page - SPANSION S29AS016J Datasheet HTML 40Page - SPANSION S29AS016J Datasheet HTML 41Page - SPANSION S29AS016J Datasheet HTML 42Page - SPANSION S29AS016J Datasheet HTML 43Page - SPANSION S29AS016J Datasheet HTML 44Page - SPANSION S29AS016J Datasheet HTML 45Page - SPANSION S29AS016J Datasheet HTML 46Page - SPANSION S29AS016J Datasheet HTML 47Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
February 1, 2012 S29AS016J_00_11
S29AS016J
43
Data
She e t
13. Absolute Maximum Ratings
Notes
1. Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, input or I/O pins may overshoot VSS to –2.0 V for periods of
up to 20 ns. See Figure 14.1 on page 43. Maximum DC voltage on input or I/O pins is
V
CC +0.5 V. During voltage transitions, input or I/O
pins may overshoot to VCC +2.0 V for periods up to 20 ns. See Figure 14.2 on page 43.
2. Minimum DC input voltage on pins A9, OE#, and RESET# is -0.5 V. During voltage transitions, A9 and RESET# may overshoot VSS to
–2.0 V for periods of up to 20 ns. See Figure 14.1 on page 43. Maximum DC input voltage on pin A9 is +11.0 V which may overshoot to
12.5 V for periods up to 20 ns.
3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
4. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is
not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
14. Operating Ranges
Note
Operating ranges define those limits between which the functionality of the device is guaranteed.
Figure 14.1 Maximum Negative Overshoot Waveform
Figure 14.2 Maximum Positive Overshoot Waveform
Storage Temperature Plastic Packages
–65
° C to +150° C
Ambient Temperature with Power Applied
–65
° C to +125° C
Voltage with Respect to Ground
VCC (Note 1)
–0.5 V to +2.0 V
A9, RESET# (Note 2)
–0.5 V to +12.5 V
All other pins (Note 1)
–0.5 V to VCC+0.5 V
Output Short Circuit Current (Note 3)
200 mA
Description
Range
Ambient Temperature (TA)
Industrial (I) Devices
–40°C to +85°C
Automotive In-Cabin (V) Devices
–40°C to +105°C
VCC Supply Voltages
Standard Voltage Range
1.65V to 1.95V
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com