Electronic Components Datasheet Search
  English  ▼

X  

S29AS016J Datasheet(PDF) 15 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 15 Page - SPANSION

Back Button S29AS016J Datasheet HTML 11Page - SPANSION S29AS016J Datasheet HTML 12Page - SPANSION S29AS016J Datasheet HTML 13Page - SPANSION S29AS016J Datasheet HTML 14Page - SPANSION S29AS016J Datasheet HTML 15Page - SPANSION S29AS016J Datasheet HTML 16Page - SPANSION S29AS016J Datasheet HTML 17Page - SPANSION S29AS016J Datasheet HTML 18Page - SPANSION S29AS016J Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
February 1, 2012 S29AS016J_00_11
S29AS016J
15
Data
She e t
7.
Device Bus Operations
This section describes the requirements and use of the device bus operations, which are initiated through the
internal command register. The command register itself does not occupy any addressable memory location.
The register is composed of latches that store the commands, along with the address and data information
needed to execute the command. The contents of the register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the device. Table 7.1 lists the device bus operations, the
inputs and control levels they require, and the resulting output. The following subsections describe each of
these operations in further detail.
Legend
L = Logic Low = VIL, H = Logic High = VIH, VID = 9.0 - 11.0 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes
1. Addresses are A19:A0 in word mode (BYTE# = VIH), A19:A-1 in byte mode (BYTE# = VIL).
2. The sector group protect and sector group unprotect functions may also be implemented via programming equipment. See Sector Group
Protection/Unprotection on page 21.
3. If WP# = VIL, the two outermost boot sectors remain protected. If WP# = VIH, the two outermost boot sector group protection depends on
whether they were last protected or unprotected.
7.1
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O pins DQ15–DQ0 operate in the byte or word
configuration. If the BYTE# pin is set at logic 1, the device is in word configuration, DQ15–DQ0 are active and
controlled by CE# and OE#.
If the BYTE# pin is set at logic 0, the device is in byte configuration, and only data I/O pins DQ0–DQ7 are
active and controlled by CE# and OE#. The data I/O pins DQ8–DQ14 are tri-stated, and the DQ15 pin is used
as an input for the LSB (A-1) address function.
7.2
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output control and gates array data to the output pins. WE# should
remain at VIH. The BYTE# pin determines whether the device outputs array data in words or bytes.
The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory content occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses
on the device address inputs produce valid data on the device data outputs. The device remains enabled for
read access until the command register contents are altered.
See Reading Array Data on page 31 for more information. Refer to the AC Read Operations on page 46 for
timing specifications and to Figure 18.1 on page 46 for the timing diagram. ICC1 in DC Characteristics
on page 44 represents the active current specification for reading array data.
Table 7.1 S29AS016J Device Bus Operations
Operation
CE#
OE#
WE#
RESET#
WP#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
X
AIN
DOUT
DOUT
DQ8–DQ14 = High-Z,
DQ15 = A-1
Write (Program/Erase)
L
H
L
H
(Note 3)
AIN
DIN
DIN
Standby
VCC ±
0.2 V
XX
VCC ±
0.2 V
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
X
High-Z
High-Z
High-Z
Sector Group Protect
(Note 2)
LH
L
VID
X
Sector Address,
A6 = L, A3 = A2 = L,
A1 = H, A0 = L
DIN
XX
Sector GroupUnprotect
(Note 2)
LH
L
VID
H
Sector Address,
A6 = H, A3 = A2 = L,
A1 = H, A0 = L
DIN
XX
Temporary Sector
Group Unprotect
XX
X
VID
HAIN
DIN
DIN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com