Electronic Components Datasheet Search
  English  ▼

X  

S29AS016J Datasheet(PDF) 47 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 47 Page - SPANSION

Back Button S29AS016J Datasheet HTML 43Page - SPANSION S29AS016J Datasheet HTML 44Page - SPANSION S29AS016J Datasheet HTML 45Page - SPANSION S29AS016J Datasheet HTML 46Page - SPANSION S29AS016J Datasheet HTML 47Page - SPANSION S29AS016J Datasheet HTML 48Page - SPANSION S29AS016J Datasheet HTML 49Page - SPANSION S29AS016J Datasheet HTML 50Page - SPANSION S29AS016J Datasheet HTML 51Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
February 1, 2012 S29AS016J_00_11
S29AS016J
47
Data
She e t
18.2
Hardware Reset (RESET#)
Note
Not 100% tested.
Figure 18.2 RESET# Timings
Note
1. CE# should only go low after RESET# has gone high. Keeping CE# low from power up through the first read could cause the first read to
retrieve erroneous data.
Parameter
Description
All Speed Options
JEDEC
Std
Test Setup
Unit
tREADY
RESET# Pin Low (During Embedded Algorithms) to
Read or Write (See Note)
Max
35
µs
tREADY
RESET# Pin Low (NOT During Embedded Algorithms) to
Read or Write (See Note)
Max
500
ns
tRP
RESET# Pulse Width
Min
500
tRH
RESET# High Time Before Read (See Note)
50
tRPD
RESET# Low to Standby Mode
20
µs
tRB
RY/BY# Recovery Time
0
ns
RESET#
RY/BY#
RY/BY#
tRP
tReady
Reset Timings NOT during Embedded Algorithms (Note 1)
tReady
CE#, OE#
tRH
CE#, OE#
Reset Timings during Embedded Algorithms
RESET#
tRP
tRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com