Electronic Components Datasheet Search
  English  ▼

X  

S29AS016J Datasheet(PDF) 59 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 59 Page - SPANSION

Back Button S29AS016J Datasheet HTML 52Page - SPANSION S29AS016J Datasheet HTML 53Page - SPANSION S29AS016J Datasheet HTML 54Page - SPANSION S29AS016J Datasheet HTML 55Page - SPANSION S29AS016J Datasheet HTML 56Page - SPANSION S29AS016J Datasheet HTML 57Page - SPANSION S29AS016J Datasheet HTML 58Page - SPANSION S29AS016J Datasheet HTML 59Page - SPANSION S29AS016J Datasheet HTML 60Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
February 1, 2012 S29AS016J_00_11
S29AS016J
59
Data
She e t
Revision 07 (March 6, 2009)
Ordering Information
Updated the Valid Communication table
Connection Diagrams
Added VBK048
Special Handling Instructions
Added section
Package Pin Capacitance
Updated table
Physical Dimensions
Added VBK048
Table: Erase and Programming
Performance
Updated table
Revision 08 (July 14, 2009)
Global
Removed all references to WLCSP from data sheet.
Revision 09 (August 12, 2010)
Ordering Information
Added 03 and 04 model numbers. Added note regarding the deprecated use of model numbers 01
and 02
Read Operations
Modified note 3 to apply only to devices with model numbers 01 and 02.
Revision 10 (November 18, 2010)
Global
Added 6.0 mm x 4.0 mm package option - VDF 048
RESET#: Hardware Reset Pin
Added sentence regarding use of CE# with RESET#
RESET# Timings Figure
Added note.
Revision 11 (February 1, 2012)
Global
Added product support for Automotive In-Cabin temperature range
Ordering Information
Added 90 ns speed grade support for Automotive In-Cabin products only
Added Low-halogen BGA (VBK048) ordering option
DC Characteristics
Added column for Automotive In-cabin temperature specific changes
Section
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com