Electronic Components Datasheet Search
  English  ▼

X  

CXP402 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXP402
Description  CMOS 4-bit Single Chip Microcomputer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP402 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXP402 Datasheet HTML 8Page - Sony Corporation CXP402 Datasheet HTML 9Page - Sony Corporation CXP402 Datasheet HTML 10Page - Sony Corporation CXP402 Datasheet HTML 11Page - Sony Corporation CXP402 Datasheet HTML 12Page - Sony Corporation CXP402 Datasheet HTML 13Page - Sony Corporation CXP402 Datasheet HTML 14Page - Sony Corporation CXP402 Datasheet HTML 15Page - Sony Corporation CXP402 Datasheet HTML 16Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
– 13 –
CXP402
AC Characteristics
1. XTAI pin
(1) When using self-excited oscillation
(Topr = –20 to +75°C, VDD = AVDD = 5.0V ± 5%)
(2) When inputting pulses to XTAI pin
(Topr = –20 to +75°C, VDD = AVDD = 5.0V ± 5%)
(3) When inputting sine waves to XTAI pin via a capacitor
(Topr = –20 to +75°C, VDD = AVDD = 5.0V ± 5%)
Oscillation
frequency
fMAX
15
16.93
20
MHz
Item
Symbol
Min.
Typ.
Max.
Unit
High level pulse
width
tWHX
13
500
ns
Low level pulse
width
tWLX
13
500
ns
Pulse cycle
tCK
26
1,000
ns
Input high level
VIHX
VDD – 1.0
V
Input low level
VILX
0.8
V
Rise time,
fall time
tR, tF
10
ns
Item
Symbol
Min.
Typ.
Max.
Unit
Input amplitude
VI
2.0
VDD + 0.3 Vp-p
Item
Symbol
Min.
Typ.
Max.
Unit
tR
tF
tWHX
tWLX
tCK
VILX
VIHX
× 0.1
VIHX
× 0.9
VIHX
XTAI
VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com