Electronic Components Datasheet Search
  English  ▼

X  

CXP402 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP402
Description  CMOS 4-bit Single Chip Microcomputer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP402 Datasheet(HTML) 1 Page - Sony Corporation

  CXP402 Datasheet HTML 1Page - Sony Corporation CXP402 Datasheet HTML 2Page - Sony Corporation CXP402 Datasheet HTML 3Page - Sony Corporation CXP402 Datasheet HTML 4Page - Sony Corporation CXP402 Datasheet HTML 5Page - Sony Corporation CXP402 Datasheet HTML 6Page - Sony Corporation CXP402 Datasheet HTML 7Page - Sony Corporation CXP402 Datasheet HTML 8Page - Sony Corporation CXP402 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS 4-bit Single Chip Microcomputer
Description
The CXP402 is a CMOS 4-bit single chip micro-
computer which consists of 4-bit CPU, ROM, RAM,
8-bit timer, 8-bit timer/counter, 18-bit time-base timer,
LCD controller/driver, digital signal processor circuit
for CD player, 1-bit DAC and the like.
Features
• Instruction cycle 1.89µs for 16.93MHz oscillation
• ROM capacity
6144
× 8 bits
• RAM capacity
400
× 4 bits
(Including stack and display area)
• LCD controller/driver (Enables to direct drive)
• 8-bit timer, 8-bit timer/event counter and 18-bit
time-base timer are incorporated; they are
independently controllable.
• Arithmetic and logical operations between the entire
RAM area, I/O area and the accumulator by means
of the memory mapped I/O.
• Entire ROM area can be referred by the table look-
up instruction.
Digital Signal Processor (DSP) Block
• Playback mode supporting CAV (Constant Angular
Velocity)
• Frame jitter free
• Allows relative rotational velocity readout
• Supports spindle external control
• Wide capture range playback mode
• Spindle rotational velocity following method
• 16K RAM
• EFM data demodulation
• Enhanced EFM frame sync signal protection
• SEC strategy-based error correction
• Subcode demodulation and Sub Q data error
detection
• Digital spindle servo
• 16-bit traverse counter
• Asymmetry correction circuit
• Servo auto sequencer
• Digital audio interface output
• Digital peak meter
Digital Filter, DAC and Analog Low-Pass Filter Blocks
• DBB (digital bass boost) function
• Digital de-emphasis
• Digital attenuation
• Zero detection function
• 8Fs oversampling digital filter
• S/N: 100dB or more
(master clock: 384Fs, typ.)
Logical value: 109dB
• THD + N: 0.007% or less
(master clock: 384Fs, typ.)
• Rejection band attenuation: –60dB or more
• 112-pin plastic LQFP
• Piggyback package (CXP401Z) available
Structure
Silicon gate CMOS IC
– 1 –
E98924-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP402
112 pin LQFP (Plastic)
For the availability of this product, please contact the sales office.


Similar Part No. - CXP402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXP401 ETC-CXP401 Datasheet
40Kb / 2P
SPC500 Series CPU core 6-KB ROM, 400-word RAM LCD controller/driver on chip
More results

Similar Description - CXP402

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
CXP5080 SONY-CXP5080 Datasheet
148Kb / 6P
CMOS 4-bit Single Chip Microcomputer
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com