Electronic Components Datasheet Search
  English  ▼

X  

CXP402 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXP402
Description  CMOS 4-bit Single Chip Microcomputer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP402 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXP402 Datasheet HTML 7Page - Sony Corporation CXP402 Datasheet HTML 8Page - Sony Corporation CXP402 Datasheet HTML 9Page - Sony Corporation CXP402 Datasheet HTML 10Page - Sony Corporation CXP402 Datasheet HTML 11Page - Sony Corporation CXP402 Datasheet HTML 12Page - Sony Corporation CXP402 Datasheet HTML 13Page - Sony Corporation CXP402 Datasheet HTML 14Page - Sony Corporation CXP402 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
– 11 –
CXP402
Absolute Maximum Ratings
Item
Supply voltage
LCD bias voltage
Input voltage
Output voltage
High level output current
High level total output current
Low level output current
Low level total output current
Operating temperature
Storage temperature
Allowable power dissipation
VDD
VLC1, VLC2, VLC3
VIN
VOUT
IOH
∑IOH
IOL
∑IOL
Topr
Tstg
PD
–0.3 to +7.0∗1
–0.3 to +7.0∗2
–0.3 to +7.0∗2
–0.3 to +7.0∗2
–5
–70
15
100
–20 to +75
–40 to +125
600
V
V
V
V
mA
mA
mA
mA
°C
°C
mW
Output pin (value per pin)
Total of output pins
Output pin (value per pin)
Total of output pins
Symbol
Ratings
Unit
Remarks
∗1 The potential difference between analog power supplies AV
DD
, AVss, the oscillation power supplies XVDD,
XVss and VDD, Vss should be within ±0.3V.
∗2 V
LC1
, VLC2, VLC3, VIN and VOUT should not exceed VDD + 0.3V.
Note) Usage exceeding absolute maximum ratings may permanently impair the LSI. Normal operation should
be conducted under the recommended conditions. Exceeding those conditions may adversely affect the
reliability of the LSI.
Recommended Operation Conditions
Item
Supply voltage
VDD
VLC1,
VLC2,
VLC3
VIH
VIHS
VIL
VILS
VIA
Topr
LCD bias voltage
High level input voltage
Low level input voltage
Analog input voltage
Operating temperature
Symbol
Min.
3.4
VSS
0.7VDD
0.8VDD
0
0
0
–20
5.25
VDD
VDD
VDD
0.3VDD
0.2VDD
VDD
+75
V
V
V
V
V
V
V
°C
Operation guaranteed range
Liquid crystal power supply
range∗1
Hysteresis input∗2
Hysteresis input∗2
∗3
Max.
Unit
Remarks
∗1 The optimal value depends on the characteristics of the used LCD element. Also, the LCD bias voltage is
biased to 1/3 the supply voltage by the resistor of approximately 20k
Ω in the LSI.
∗2 RME, XRST, EXCK, FOK, SEIN, CNIN, VCKI, LRCKI, BCKI, PCMDI pins
∗3 CLTV, FILI, RF, VCTL, AIN1, AIN2, BAIS, ASYI pins
(Vss = 0V reference)
(Vss = 0V reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com