Electronic Components Datasheet Search
  English  ▼

X  

CXP402 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXP402
Description  CMOS 4-bit Single Chip Microcomputer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP402 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXP402 Datasheet HTML 5Page - Sony Corporation CXP402 Datasheet HTML 6Page - Sony Corporation CXP402 Datasheet HTML 7Page - Sony Corporation CXP402 Datasheet HTML 8Page - Sony Corporation CXP402 Datasheet HTML 9Page - Sony Corporation CXP402 Datasheet HTML 10Page - Sony Corporation CXP402 Datasheet HTML 11Page - Sony Corporation CXP402 Datasheet HTML 12Page - Sony Corporation CXP402 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
– 9 –
CXP402
PCO
MDP
VPCO1
VPCO2
4 pins
1 pin
—
MDS
Output enable
MDS
—
IP
6 pins
—
—
When reset
VCTL
FILI
CLTV
RF
BIAS
ASYI
2 pins
AIN1
AIN2
AOUT1
AOUT2
LOUT1
LOUT2
4 pins
—
IP
Poly resistor
Pin
Circuit format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com