Electronic Components Datasheet Search
  English  ▼

X  

CXP402 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXP402
Description  CMOS 4-bit Single Chip Microcomputer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP402 Datasheet(HTML) 4 Page - Sony Corporation

  CXP402 Datasheet HTML 1Page - Sony Corporation CXP402 Datasheet HTML 2Page - Sony Corporation CXP402 Datasheet HTML 3Page - Sony Corporation CXP402 Datasheet HTML 4Page - Sony Corporation CXP402 Datasheet HTML 5Page - Sony Corporation CXP402 Datasheet HTML 6Page - Sony Corporation CXP402 Datasheet HTML 7Page - Sony Corporation CXP402 Datasheet HTML 8Page - Sony Corporation CXP402 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
– 4 –
CXP402
Pin Description
Symbol
I/O
Description
(Port A)
4-bit I/O port. I/O can be set in a unit of single bits. Pull-up resistor is
attached for input. (4 pins)
(Port B)
4-bit I/O port. I/O can be set in a unit of single bits. Pull-up resistor is
attached for input. (4 pins)
(Port C)
4-bit I/O port. I/O can be set in a unit of single bits. Pull-up resistor is
attached for input. (4 pins)
LCD segment signal output. (16 pins)
LCD common signal output.
LCD bias power supply. Bias voltage is generated, which is 1/3 the
supply voltage due to the internal resistor. (3 pins)
SENS input from SSP.
Track jump count signal input.
Serial data output to SSP.
Serial data latch output to SSP.
Serial clock output to SSP.
Spindle motor ON/OFF control output.
Spindle motor servo control. (2 pins)
Lock signal output. GFS is sampled at 460Hz and; when GFS is high,
this pin outputs a high signal. If GFS is low eight convective samples,
this pin outputs low.
Wide-band EFM PLL charge pump output. (2 pins)
Wide-band EFM PLL VCO2 oscillation input.
Wide-band EFM PLL VCO2 oscillation output.
Wide-band EFM PLL VCO2 control voltage input.
Master PLL charge pump output.
Master PLL filter input.
Master PLL filter output.
Master VCO control voltage input.
EFM signal input.
Asymmetry circuit constant current input.
Asymmetry comparator voltage input.
EFM output. (full swing)
System reset input. Active at low.
I/O
I/O
I/O
Output
Output
Input
Input
Output
Output
Output
Output
Output
(tri-state)
Output
Output
(tri-state)
Input
Output
Input
Output (tri-state)
Input
Output (Analog)
Input
Input
Input
Input
Output
Input
PA0 to PA3
PB0 to PB3
PC0 to PC3
SEG0 to SEG15
COM0 to COM3
VLC1 to VLC3
SEIN
CNIN
DATO
XLTO
CLKO
MON
MDP
MDS
LOCK
VPCO1
VPCO2
VCKI
V16M
VCTL
PCO
FILI
FILO
CLTV
RF
BIAS
ASYI
ASYO
XRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com