Electronic Components Datasheet Search
  English  ▼

X  

CXR702F080 Datasheet(PDF) 23 Page - Sony Corporation

Part # CXR702F080
Description  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 Datasheet(HTML) 23 Page - Sony Corporation

Back Button CXR702F080 Datasheet HTML 19Page - Sony Corporation CXR702F080 Datasheet HTML 20Page - Sony Corporation CXR702F080 Datasheet HTML 21Page - Sony Corporation CXR702F080 Datasheet HTML 22Page - Sony Corporation CXR702F080 Datasheet HTML 23Page - Sony Corporation CXR702F080 Datasheet HTML 24Page - Sony Corporation CXR702F080 Datasheet HTML 25Page - Sony Corporation CXR702F080 Datasheet HTML 26Page - Sony Corporation CXR702F080 Datasheet HTML 27Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
– 23 –
CXR702F080
Electrical Characteristics
DC Characteristics (VDD = 2.7 to 3.6V)
(Topr = –20 to +75°C, Vss = 0V reference)
Item
High level
output
voltage
Low level
output
voltage
Input
current
Symbol
VOH
VOL
IIHE
IILE
IIHT
IILT
IIH
IIL
Pins
PA to PC, PE to PL, PN, PO,
T1, T3, TxD0, TxD1, MCS0,
MCS1, MA0 to MA18,
MD0 to MD7, MRD, MWE,
CS0 to CS5, A0 to A23,
D0 to D15, RD, LWR, LB,
UWR, UB, WE, RST
BEEP, TXOUT, SCK0 to SCK2,
SO0 to SO2, DACK0, DACK1,
MSDIR, MSBS, MSSCLK,
MSDIO, RTCK, TDO, XOUT,
CKO
PA to PC, PE to PL, PN, PO,
T1, T3, TxD0, TxD1, MCS0,
MCS1, MA0 to MA18,
MD0 to MD7, MRD, MWE,
CS0 to CS5, A0 to A23,
D0 to D15, RD, LWR, LB,
UWR, UB, WE, RST
PD, BEEP, TXOUT,
SCK0 to SCK2, SO0 to SO2,
DACK0, DACK1, MSDIR,
MSBS, MSSCLK, MSDIO,
RTCK, TDO, XOUT, CKO
EXTAL
TEX
TRST
PA to PC, PE to PL, PN, PO,
WAIT, INT0 to INT9, EC0,
EC2, CT0ED0, CT0ED1,
CT1ED0, CT1ED1, CT2ED0,
CT2ED1, RxD0, RxD1,
MD0 to MD7, D0 to D15,
SCK0 to SCK2, SI0 to SI2,
SCS0 to SCS2∗1
TDI, TMS, TCK
Conditions
IOH = –0.5mA
IOH = –4mA
IOL = 1mA
IOL = 4mA
VIH = 3.6V
VIL = 0.4V
VIH = 3.6V
VIL = 0.4V
VIH = 3.6V
VIL = Vss
VIL = Vss
Min.
VDD – 0.4
VDD – 0.4
0.1
–0.1
0.1
–0.1
20
–20
–20
Typ.
100
–50
–100
Max.
0.4
0.4
10
–10
10
–10
240
–120
–240
Unit
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
∗1 PA to PC, PE to PL, PN, PO, WAIT, INT0 to INT9, EC0, EC2, CT0ED0, CT0ED1, CT1ED0, CT1ED1,
CT2ED0, CT2ED1, RxD0, RxD1, MD0 to MD7, D0 to D15, SCK0 to SCK2, SI0 to SI2 and SCS0 to
SCS2 pins specify the input current when the pull-up resistor is selected, and specify leakage current
when non-resistor is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com