Electronic Components Datasheet Search
  English  ▼

X  

CXR702F080 Datasheet(PDF) 30 Page - Sony Corporation

Part # CXR702F080
Description  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 Datasheet(HTML) 30 Page - Sony Corporation

Back Button CXR702F080 Datasheet HTML 24Page - Sony Corporation CXR702F080 Datasheet HTML 25Page - Sony Corporation CXR702F080 Datasheet HTML 26Page - Sony Corporation CXR702F080 Datasheet HTML 27Page - Sony Corporation CXR702F080 Datasheet HTML 28Page - Sony Corporation CXR702F080 Datasheet HTML 29Page - Sony Corporation CXR702F080 Datasheet HTML 30Page - Sony Corporation CXR702F080 Datasheet HTML 31Page - Sony Corporation CXR702F080 Datasheet HTML 32Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
– 30 –
CXR702F080
FFh
FEh
AVREF
01h
Absolute error
Analog input
00h
Fig. 6. Definition of A/D converter terms
(5) Interruption and reset input
(Topr = –20 to +75°C, VDD = 2.7 to 3.6V, Vss = 0V reference)
Fig. 7. Interruption input, RST input timing
0.2VDD
tIL
tIH
0.7VDD
INT0, INT1,
INT2, INT3,
INT4, INT5,
INT6, INT7,
INT8, INT9,
RST
Note) fSRC is output of main oscillation circuit.
Item
External interruption high,
low level width
Reset input high, low level
width
Symbol
tIH
tIL
tIH
tIL
Pins
INT0 to INT9
RST
Min.
100
Typ.
200
32/fSRC
Max.
Unit
ns
µs
Conditions
(4) A/D converter characteristics
(Topr = –20 to +75°C, VDD = 2.7 to 3.6V, VDD = AVDD, Vss = AVss = 0V reference)
Note) fPS4 is fSRC/16 (MHz) for output fSRC of main oscillation circuit.
Conversion time indicates the time required from conversion start to ADC interruption request
occurrence when 1 channel is selected. This includes sampling time.
Item
Resolution
Absolute error
Conversion time
Sampling time
Reference input voltage
Analog input voltage
Symbol
tCONV
tSAMP
VREF
VIAN
Pins
AVREF
AN0 to AN3
Min.
19/fPS4
AVDD – 0.3
0
Typ.
5/fPS4
Max.
8
±3
20/fPS4
AVDD
AVREF
Unit
Bits
LSB
µs
µs
V
V
Conditions
VDD = AVDD = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com