Electronic Components Datasheet Search
  English  ▼

X  

CXR702F080 Datasheet(PDF) 25 Page - Sony Corporation

Part # CXR702F080
Description  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 Datasheet(HTML) 25 Page - Sony Corporation

Back Button CXR702F080 Datasheet HTML 21Page - Sony Corporation CXR702F080 Datasheet HTML 22Page - Sony Corporation CXR702F080 Datasheet HTML 23Page - Sony Corporation CXR702F080 Datasheet HTML 24Page - Sony Corporation CXR702F080 Datasheet HTML 25Page - Sony Corporation CXR702F080 Datasheet HTML 26Page - Sony Corporation CXR702F080 Datasheet HTML 27Page - Sony Corporation CXR702F080 Datasheet HTML 28Page - Sony Corporation CXR702F080 Datasheet HTML 29Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
– 25 –
CXR702F080
0.9VDD
0.4V
tCR
tXL
tCF
1/fEX
EXTAL
XTAL
tXH
EXTAL
C1
XTAL
C2
Crystal oscillation
Ceramic oscillation
EXTAL
XTAL
74HC04
External clock
TEX
C1
TX
C2
32kHz clock applied condition
Crystal oscillation
0.7VDD
0.2VDD
tER
tEL
tEF
EC0
EC2
tEH
Fig. 3. Event count input timing
Fig. 2. System clock applied condition
Fig. 1. Clock timing
AC Characteristics
(1) Clock timing
(Topr = –20 to +75°C, VDD = 2.7 to 3.6V, Vss = 0V reference)
Note) fPS4 is fSRC/16 (MHz) for output fSRC of main oscillation circuit.
Item
Main oscillation input clock
frequency
Main oscillation input clock
pulse width
Main oscillation input clock
rise time, fall time
Sub oscillation input clock
frequency
Event count input clock
pulse width
Event count input clock
rise time, fall time
Symbol
fEX
tXL,
tXH
tCR,
tCF
fTEX
tEH,
tEL
tER,
tEF
Pins
XTAL
EXTAL
XTAL
EXTAL
XTAL
EXTAL
TEX
TX
EC0
EC2
EC0
EC2
Min.
1
22.5
2/fPS4
Typ.
32.768
Max.
20
100/fEX
1
Unit
MHz
ns
ns
kHz
µs
ms
Conditions
Fig. 1, Fig. 2
Fig. 1, Fig. 2
External clock drive
Fig. 1, Fig. 2
External clock drive
Fig. 2
32kHz clock applied condition
Fig. 3
Fig. 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com