Electronic Components Datasheet Search
  English  ▼

X  

CXR702F080 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXR702F080
Description  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXR702F080 Datasheet HTML 7Page - Sony Corporation CXR702F080 Datasheet HTML 8Page - Sony Corporation CXR702F080 Datasheet HTML 9Page - Sony Corporation CXR702F080 Datasheet HTML 10Page - Sony Corporation CXR702F080 Datasheet HTML 11Page - Sony Corporation CXR702F080 Datasheet HTML 12Page - Sony Corporation CXR702F080 Datasheet HTML 13Page - Sony Corporation CXR702F080 Datasheet HTML 14Page - Sony Corporation CXR702F080 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
– 11 –
CXR702F080
Pin
Circuit format
After a reset
Port B data
MPX
RD
Port B direction
"0" after a reset
Input data
latch
Internal data bus
IP
Pull-up resistor
"0" after a reset
Port C data
MPX
RD
Port C direction
"0" after a reset
Input data
latch
Internal data bus
IP
Pull-up resistor
"0" after a reset
Port D data
RD
Internal data bus
Port D data
MPX
RD
Port D
read select
"0" after a reset
Input data
latch
Internal data bus
IP
PB0 to PB7
Hi-Z
PC0 to PC5
Hi-Z
PD0
PD1
Hi-Z
PD2
PD3
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com