Electronic Components Datasheet Search
  English  ▼

X  

CXR702F080 Datasheet(PDF) 28 Page - Sony Corporation

Part # CXR702F080
Description  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 Datasheet(HTML) 28 Page - Sony Corporation

Back Button CXR702F080 Datasheet HTML 24Page - Sony Corporation CXR702F080 Datasheet HTML 25Page - Sony Corporation CXR702F080 Datasheet HTML 26Page - Sony Corporation CXR702F080 Datasheet HTML 27Page - Sony Corporation CXR702F080 Datasheet HTML 28Page - Sony Corporation CXR702F080 Datasheet HTML 29Page - Sony Corporation CXR702F080 Datasheet HTML 30Page - Sony Corporation CXR702F080 Datasheet HTML 31Page - Sony Corporation CXR702F080 Datasheet HTML 32Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
– 28 –
CXR702F080
(3) Serial transfer (memory stick)
(Topr = –20 to +75°C, VDD = 2.7 to 3.6V, Vss = 0V reference)
Notes) 1. The load condition is 26pF.
2. fMSCK is as follows for output fSRC of main oscillation circuit.
Item
MSSCLK
cycle time
MSSCLK
high, low pulse width
MSBS
output delay time
MSDIO
output delay time
MSDIO
input setup time
MSDIO
input hold time
MSDIR
output delay time
Symbol
tKCY
tKH
tKL
tBSD
tDIOD
tDIOS
tDIOH
tDIRD
Pins
MSSCLK
MSSCLK
MSBS
MSDIO
MSDIO
MSDIO
MSDIR
Min.
1000/fMSCK
500/fMSCK – 5
18
5
Max.
10
10
10
Unit
ns
ns
ns
ns
ns
ns
ns
Conditions
For MSSCLK
↓
For MSSCLK
↓
For MSSCLK
↑
For MSSCLK
↑
For MSSCLK
↓
Shift clock frequency division ratio
No frequency division
2 frequency division
4 frequency division
8 frequency division
fMSCK (MHz)
fSRC
fSRC/2
fSRC/4
fSRC/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com