Electronic Components Datasheet Search
  English  ▼

X  

THV3012 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THV3012
Description  1ch DC/DC converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV3012 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THV3012 Datasheet HTML 1Page - THine Electronics, Inc. THV3012 Datasheet HTML 2Page - THine Electronics, Inc. THV3012 Datasheet HTML 3Page - THine Electronics, Inc. THV3012 Datasheet HTML 4Page - THine Electronics, Inc. THV3012 Datasheet HTML 5Page - THine Electronics, Inc. THV3012 Datasheet HTML 6Page - THine Electronics, Inc. THV3012 Datasheet HTML 7Page - THine Electronics, Inc. THV3012 Datasheet HTML 8Page - THine Electronics, Inc. THV3012 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
THV3012_Rev.1.00_E
THine Electronics, Inc.
Copyright©2009 THine Electronics, Inc.
Description
THV3012 is a synchronous buck switching regulator
IC with the external High side Power MOSFET.
Available high current power supply using a mini-
mum number of external components, because any
external phase compensation parts are not necessary.
The bootstrap technology provides high efficiency
more than 97%. Utilizing the latest and THine’s
unique architecture, THV3012 achieves ultra quick
transient response.
Soft start by SS pins makes constant and stable soft
start curve not depend on the load fluctuation.
THV3012 also has the Power-good function and the
Off-delay function to facilitate the setting of On/Off
sequence.
Features
• Synchronous rectifier DC/DC converter
• Wide input voltage range : VIN = 4.5V~ 28V
VCC = 4.5V~5.5V
• Output voltage range : 0.85~4.0V
• Large Load current (dependent on external FET)
• Ultra quick transient response
• Feed back voltage accuracy : 1%
• 360kHz/500kHz programmable oscillation frequency
• Over current protection
• Short circuit protection (latch function)
• Undervoltage lockout function
• Power-good function
• Off Delay function
• Programmable soft start
• Thermal shutdown
• Small 4.4x5mm body TSSOP 16pin
1ch DC/DC converter.
THV3012
Applications
• Micro processor core/ASIC/FPGA/DSP/DDR
SDRAM/DDRII SDRAM power supply
Typical Applications
CTL input
Input
Power Good output
LG
LL
BOOT
VIN
HG
CTL
PSI
VCC
PGOOD
FSET
SS
OFFDELAY
FB
CSN
CSP
GND
PSI input
Output
VCC input


Similar Part No. - THV3012

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV3011 THINE-THV3011 Datasheet
249Kb / 12P
1ch DC/DC converter
More results

Similar Description - THV3012

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9102FVM ROHM-BD9102FVM Datasheet
294Kb / 5P
1ch DC/DC Converter Controller IC built in synchronous rectifier
BD9110NV ROHM-BD9110NV Datasheet
312Kb / 5P
1ch DC/DC Converter IC built in Synchronous rectifier
BD9111NV ROHM-BD9111NV Datasheet
313Kb / 6P
1ch DC/DC Converter IC built in Synchronous rectifier
BD9130NV ROHM-BD9130NV Datasheet
337Kb / 6P
1ch DC/DC Converter IC built in Synchronous rectifier
BD9140MUV ROHM-BD9140MUV Datasheet
340Kb / 6P
1ch DC/DC Converter IC built in synchronous rectifier
logo
Sanyo Semicon Device
LV56351JA SANYO-LV56351JA Datasheet
316Kb / 8P
Bi-CMOS IC 1ch DC/DC boost converter
logo
THine Electronics, Inc.
THV3011 THINE-THV3011 Datasheet
249Kb / 12P
1ch DC/DC converter
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
1ch DC/DC boost converter
logo
ON Semiconductor
LV56351HA ONSEMI-LV56351HA Datasheet
193Kb / 9P
1ch DC/DC boost converter
August, 2013
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
1ch DC/DC boost converter
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com