Electronic Components Datasheet Search
  English  ▼

X  

THV3012 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THV3012
Description  1ch DC/DC converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV3012 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THV3012 Datasheet HTML 1Page - THine Electronics, Inc. THV3012 Datasheet HTML 2Page - THine Electronics, Inc. THV3012 Datasheet HTML 3Page - THine Electronics, Inc. THV3012 Datasheet HTML 4Page - THine Electronics, Inc. THV3012 Datasheet HTML 5Page - THine Electronics, Inc. THV3012 Datasheet HTML 6Page - THine Electronics, Inc. THV3012 Datasheet HTML 7Page - THine Electronics, Inc. THV3012 Datasheet HTML 8Page - THine Electronics, Inc. THV3012 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
THV3012_Rev.1.00_E
THine Electronics, Inc.
Copyright©2009 THine Electronics, Inc.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CTL ON threshold voltage
Vctlon
1.5
V
CTL OFF threshold voltage
Vctloff
0.7
V
CLT input current
Ictl
Vctl=3.3V
1.5
3.0
uA
Off delay time
toffdelay
Coffdelay=1000pF
0.75
msec
Power good threshold voltage
Vpgood
0.65
0.70
0.75
V
Power good hysteresis voltage
Vpgood-h
100
mV
Power good output ON resis-
tance
Ronpgood
Vpgood=0.1V
1.0
2.0
k
Power good output off leak
current
Ioffpgood
Vpgood=5V
1
uA
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com