Electronic Components Datasheet Search
  English  ▼

X  

THV3012 Datasheet(PDF) 3 Page - THine Electronics, Inc.

Part # THV3012
Description  1ch DC/DC converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV3012 Datasheet(HTML) 3 Page - THine Electronics, Inc.

  THV3012 Datasheet HTML 1Page - THine Electronics, Inc. THV3012 Datasheet HTML 2Page - THine Electronics, Inc. THV3012 Datasheet HTML 3Page - THine Electronics, Inc. THV3012 Datasheet HTML 4Page - THine Electronics, Inc. THV3012 Datasheet HTML 5Page - THine Electronics, Inc. THV3012 Datasheet HTML 6Page - THine Electronics, Inc. THV3012 Datasheet HTML 7Page - THine Electronics, Inc. THV3012 Datasheet HTML 8Page - THine Electronics, Inc. THV3012 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
THV3012_Rev.1.00_E
THine Electronics, Inc.
Copyright©2009 THine Electronics, Inc.
Electrical Characteristics (VIN = 12V, VCC=5V, Vctl=3.3V, Ta=25°C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operation current
Icc
1.5
3.0
mA
Stand-by current
Ist
Vctl=0V
150
uA
VIN input bias current
Ivinst
Vctl=0V
20
40
uA
Ivin
Vctl=3.3V
200
uA
Oscillation Frequency 1
Fosc1
FSET=VCC, Vpsi=VCC
320
360
400
kHz
Oscillation Frequency 2
Fosc2
FSET=OPEN, Vpsi=VCC
440
500
560
kHz
Minimum operation frequency
Foscmin
Vpsi=0V
8
kHz
Minimum On pulse
tonmin
100
nsec
Minimum Off pulse
toffmin
250
nsec
Feed back voltage
Vfb
0.8415
0.850
0.8585
V
Feed back bias current
Ivoset
-50
0
50
nA
Current sense offset voltage
dVcs
CSN=1.8V
50
60
70
mV
SCP threshold voltage
Vscp
0.6
V
SCP delay time
tscp
4.1
msec
Low gate driver high side On
resistance
RonLH
ILH=20mA
3.5
Low gate driver low side On
resistance
RonLL
ILL=20mA
2.0
High gate driver high side On
resistance
RonHH
IHH=20mA
3.5
High gate driver low side On
resistance
RonHL
IHL=20mA
1.5
VINUVLO voltage threshold
VINuvlo
4.0
4.2
4.4
V
VINUVLO voltage hysteresis
VINuvlo-h
0.05
V
VCCUVLO voltage threshold
VCCuvlo
4.0
4.2
4.4
V
VCCUVLO voltage hysteresis
VCCuvlo-h
0.15
V
Soft start time
tss
Css=1000pF
0.300
0.425
0.550
msec
PSI high input voltage
Vpsih
4.2
V
PSI low input voltage
Vpsil
0.3
V
PSI input bias current
Ipsi
Vpsi=5V
12.5
uA
Output pull-down On resis-
tance
RonCSP
Vctl=0V
35
Ω
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com