Electronic Components Datasheet Search
  English  ▼

X  

THV3012 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part # THV3012
Description  1ch DC/DC converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV3012 Datasheet(HTML) 2 Page - THine Electronics, Inc.

  THV3012 Datasheet HTML 1Page - THine Electronics, Inc. THV3012 Datasheet HTML 2Page - THine Electronics, Inc. THV3012 Datasheet HTML 3Page - THine Electronics, Inc. THV3012 Datasheet HTML 4Page - THine Electronics, Inc. THV3012 Datasheet HTML 5Page - THine Electronics, Inc. THV3012 Datasheet HTML 6Page - THine Electronics, Inc. THV3012 Datasheet HTML 7Page - THine Electronics, Inc. THV3012 Datasheet HTML 8Page - THine Electronics, Inc. THV3012 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
THV3012_Rev.1.00_E
THine Electronics, Inc.
Copyright©2009 THine Electronics, Inc.
Absolute maximum ratings
Parameter
Symbol
Rating
Units
VCC
Vcc
-0.3 ~30
V
PSI, VCC, FB, OFFDELAY, CSP, CSN, SS
VL_in_1
-0.3 ~ 5.5
V
FSET
VL_in_2
-0.3 ~ VCC+0.3
V
CTL
Vctl
-0.3 ~ 30
V
PGOOD
Vpgood
-0.3 ~ 5.5
V
BOOT
Vboot
-0.3 ~ 35
V
Between BOOT and LL
Vll
-0.3 ~ 5.5
V
Power Dissipation
Pd
1.0
W
Junction Temperature
Tj
+125
°C
Operating Temperature
Ta
-40 ~ +85
°C
Storage Temperature
Tstg
-55 ~ +150
°C
Lead Temperature for Soldering
Tlead
255 +5
°C/-0°C/ 10sec
°C
Recommended Operation Conditions
Parameter
Symbol
Min
Max
Units
Input Supply Voltage
VCC
4.5
5.5
V
Output voltage
VO
0.85
4.0
V
Input voltage
VIN
4.5
28
V
Block Diagram
Level
shift
HG
VIN
CT L
FB
GND
LL
BO OT
VCC
FSET
Pow er
G ood
Main
C ontrol
F requecy
setup
Block
OC P
TSD
SC P
OCP
VC C
Pow er
L inker
TM
O FFD E L A Y
UVL O
PG OOD
CTL
FB
TSD
TSD
LG
CS P
CS N
PSI
SS
VC C
CTL
SC P
S hort circuit
protection
R eference
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com