Electronic Components Datasheet Search
  English  ▼

X  

THV3012 Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part # THV3012
Description  1ch DC/DC converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV3012 Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THV3012 Datasheet HTML 1Page - THine Electronics, Inc. THV3012 Datasheet HTML 2Page - THine Electronics, Inc. THV3012 Datasheet HTML 3Page - THine Electronics, Inc. THV3012 Datasheet HTML 4Page - THine Electronics, Inc. THV3012 Datasheet HTML 5Page - THine Electronics, Inc. THV3012 Datasheet HTML 6Page - THine Electronics, Inc. THV3012 Datasheet HTML 7Page - THine Electronics, Inc. THV3012 Datasheet HTML 8Page - THine Electronics, Inc. THV3012 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
THV3012_Rev.1.00_E
THine Electronics, Inc.
Copyright©2009 THine Electronics, Inc.
Pin Description
Pin
Symbol
Function
1
VIN
Input voltage detection pin. Connect to the input power supply.
2
PSI
Power standby Indication. Applying low level voltage to this pin, IC
goes into the light load mode. Applying high level, IC operates in the
synchronous mode.
3
BOOT
Bootstrap pin. Bias input for high side power MOSFET driver.
4
LL
Switching output. Connect to the inductor node.
5FSET
Oscillation frequency setting pin. Connect to VCC for 360kHz, leave it
open for 500kHz.
6
HG
High side gate drive output.
7
OFFDELAY
Shut-off delay time setting. Connect a capacitor to the GND.
8
LG
Low gate drive output.
9
GND
Ground.
10
PGOOD
Power good output. PGOOD outputs High level, when CTL pin is High
level and output voltage is 82.4% or more of set voltage.
11
CSN
Current sense negative input.
12
CSP
Current sense positive input. When 60mV(typ) or more of voltage dif-
ference is detected between CSP pin and CSN pin, the voltage on LL
pin falls down to the low level. When the voltage on CTL pin is low
level, the transistor turns to the On state and pull-down the output volt-
age.
13
FB
Output voltage feedback.
14
SS
Soft start time setting pin. Connect a capacitor to the GND.
15
CTL
Enable pin. Active at high level. CTL pin is able to be set at the voltage
higher than VIN.
16
VCC
Power supply for control block. Connect to power supply of 4.5 ~ 5.5V.
Connect a capacitor to the GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com