Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
55
S/PDIF TX 1 (NID = 04h)
Table 26 gives a summary of the S/PDIF Tx 1 node:
NODE SUMMARY INFORMATION
NID
04h
Widget Type
Audio Output
Supported Get Verbs
Ah, F00h, F06h, F08h, F0Dh, F73h, F80h, F81h, F85h, F8Eh
Supported Set Verbs
2h, 706h, 708h, 70Dh, 70Eh, 773h, 780h, 781h, 782h, 783h, 784h,
785h, 78Eh
Unsolicited Responses
SRC2 Lock Status
Stream Error
Vendor-Specific Verbs
F73h, 773h : Internal Path Verb
F81h, 781h, 782h, 783h, 784h : Tx Channel Status Control Verb
F85h, 785h : Channel Status Data Packing Configuration Verb
F8Eh, 78Eh : Unsolicited Response Priority Control Verb
Table 26 S/PDIF Tx 1 Node Summary Information
The S/PDIF Tx 1 node controls the formatting of the IEC-60958-3 compatible S/PDIF output stream.
Under default conditions, the S/PDIF Tx 1 node will process data received from the HDA interface. In
this case, the S/PDIF stream is controlled directly from the Stream Format Verb, as illustrated in
Figure 14.
Figure 14 S/PDIF Transmit Function
It is also possible to select ADC1, MIC1 or MIC2 as the data source, using the vendor-specific
Internal Path Verb.
When ADC1, MIC1 or MIC2 is selected as the input to the S/PDIF Tx 1 node, the Mult / Base / Div
fields in the Stream Format Verb become read-only and are set according to the selected source
node.
SET VERB
BIT
BITFIELD
NAME
DEFAULT
DESCRIPTION
773h
7:0
Path Sel
00h
Selects the source of the S/PDIF Tx 1 node:
00h = HDA Link
02h = ADC1
03h = MIC1
15h = MIC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com