Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
32
NODE LIST
A summary of the capabilities of each node is given in Table 3 below:
NID
NAME
WIDGET TYPE
DESCRIPTION
00h
Root
Root
Provides Vendor ID, Device ID, and NID of the AFG.
01h
AFG
Audio Function Group
Provides the number of Widget Nodes, and NID of first
Widget Node. Describes CODEC Audio capabilities.
02h
ADC1
Audio Input Converter
Supports sample rates from 8kHz to 96kHz, and sample
sizes from 16-bits to 24-bits.
03h
MIC1
Audio Input Converter
Supports sample rates from 8kHz to 48kHz, and sample
sizes from 16-bits to 24-bits.
04h
S/PDIF Tx 1
Audio Output Converter
Supports sample rates from 32kHz to 192kHz, and
sample sizes from 16-bits to 32-bits. Includes a fully
asynchronous SRC.
05h
Reserved
06h
DAC1
Audio Output Converter
Supports sample rates from 8kHz to 192kHz, and
sample sizes from 16-bits to 24-bits. Supports digital
attenuation from 0dB to -63.5 dB in 0.5 dB steps.
07h
DAC2
Audio Output Converter
As DAC1.
08h
Reserved
09h
MIC1 Mux
Audio Selector
Selects between Digital Mic (Port-D), and Analogue Mic
(Port-B).
0Ah
PGA1
Audio Selector
Supports a gain range of -12dB to +12 dB in 0.5dB
steps.
0Bh
PGA2
Selector
As PGA1.
0Ch
Port-E
Pin Complex
Line Input (VIN1) with presence detection.
0Dh
Port-B
Pin Complex
Analogue Mic Input (VIN2) with pre-amplifier (0dB,
+10dB, +20dB, +30dB), configurable VREF, presence
detection and custom impedance sensing scheme.
0Eh
Port-D
Pin Complex
Digital Mic Input (DMIC1) with gain (-12dB to +32dB in
0.5dB steps).
0Fh
S/PDIF Out
Pin Complex
S/PDIF Output with presence detection.
10h
Reserved
11h
Port-A
Pin Complex
Ground-referenced headphone/line out (VOUT1) with
presence detection.
12h
Port-G
Pin Complex
Differential line out (VOUT2) with presence detection.
13h
Reserved
14h
Beep
Beep Generator
Generates a configurable tone that can be muxed into
DAC audio paths. Supports a gain range 0dB to -24dB in
6dB steps.
15h
MIC2
Audio Input Converter
Supports sample rates from 8kHz to 48kHz, and sample
sizes from 16-bits to 24-bits.
16h
Port-H
Pin Complex
Digital Mic Input (DMIC2) with gain (-12 dB to 32dB in
0.5 dB steps). Output port for S/PDIF Tx 2.
17h
Reserved
Table 3 Node List
Notes:
1.
All Widget Nodes are as defined in the HDA specification; there are no vendor defined widgets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com