Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
30
Channel synchronisation between channels is only guaranteed where stream packets are received by
the WM8860 after all converters in a multi-channel stream have had their stream ID assigned.
Mono Streams
All converters are stereo. Where an input converter (eg. ADC1) is associated with a mono stream,
only the left channel (channel 0) will be sent on the HDA Link.
In mono mode, right channel modules in the ADC will be disabled to save power.
Where an output converter (eg. DAC1, S/PDIF Tx) is associated with a mono stream, both left and
right channels render the same samples. If both left and right DAC outputs are not desired, the
unwanted channel can be muted.
A stream is assumed to be mono when its Chan control in the Stream Format Verb is set to 0. The
Channel control in the Converter Stream, Channel Verb should be set to 0, although any setting of
this register gives the same behaviour in mono mode.
ILLEGAL REGISTER VALUES
Should the user set verb registers to illegal, unsupported or reserved values, WM8860 behaviour is
undefined.
Writing to Reserved registers has no effect.
RESPONSE FIELD
Valid Bit
Bit [35] of the Response Field is defined as the Valid Bit. Section 7.3.1 of the HDA specification
states: “A 1 in the Valid bit position indicates the Response Filed contains a valid response, which the
controller will place in the RIRB; a 0 indicates there is no response.”
The WM8860 will set the Valid Bit for all responses, except null responses.
We define a null response as a response to a command that contains an invalid verb (a command
where NID=0h, and Verb=0h), or a response to a command with a CODEC address (CAd) that does
not match the WM8860 CAd. Either of these commands can be considered as a null command.
We define a non-defined command as a command that has no meaning (i.e. a NID that is not within
the WM8860, or a Verb ID that is not supported for the given node). The WM8860 will set the Valid
Bit for non-defined commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com