Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
29
SDO
It is possible that the SDO line could be oversubscribed, if all streams are active at their maximum
sample rate, and word length. It is the responsibility of the Controller to handle this situation, and
determine what is put on the SDO line during oversubscription. The WM8860 will produce unsolicited
responses from the converter nodes that have not received the stream packets that they have been
configured for.
SDI
The WM8860 invokes a protection mechanism, should a bandwidth over-subscription situation arise.
The mechanism monitors the sample rate, and sample-size settings of a stream to detect
oversubscription.
If the SDI line is over-subscribed, due to software configuration or configuration from the recovered
S/PDIF sample-rate, the stream (or streams) assigned the highest Stream ID tag value, will be
dropped, and an unsolicited response issued from the stream converter whose stream has been
dropped.
A stream will be restarted on a re-issue of a non-zero stream ID. However, should the bandwidth
problem still be present, the stream won’t start and an unsolicited response will be re-sent.
Although there is a protection mechanism in the WM8860, it is the responsibility of the user to identify
and rectify bandwidth problems.
SOFTWARE FORMATTED (RAW) S/PDIF
An S/PDIF sub-frame consists of a preamble, 24-bits of audio data, and four control bits. In Software
Formatted (Raw) S/PDIF mode, all 24-bits of the audio data, plus the 4 bits of control information,
plus a 4-bit encoding of the preamble (taking the last 4-bits of the 8-bit bi-phase encoded preamble)
are transported across the link. Software Formatted S/PDIF mode is selected by setting the Bits
register in the Stream Format Verb to 4h (i.e. 32-bits) and setting the Type register to 1.
S/PDIF TX VALIDITY FLAG
The validity flag is bit [28] of an S/PDIF sub-frame. It is configured using V-bit in the Digital Converter
Control Verb.
When the V-bit is set to 1, the validity flag for both sub-frames is set to 1.
When the V-bit is set to 0, the validity flag for both sub-frames is set to 0, unless an invalid sample is
being transmitted for that sub-frame - in which case the validity flag is set to 1 for that sub-frame.
An invalid sample may occur under the following conditions:
The Stream ID is set to 0
SRC2 is enabled but is unlocked
There has been a FIFO overrun/under-run condition in the S/PDIF Tx Stream Manager (i.e.
a Stream Error).
Note: A Stream Error problem would only be present due to a problem upstream of the WM8860. A
Stream Error triggers an unsolicited response with the EF_STREAM_ERR flag set. If an invalid
sample is detected, it will be overwritten with all-zeros if VCFG in the Digital Converter Control Verb is
set to 1.
CHANNEL NUMBERING
Multi-Channel Streams
Channels 0, 2, 4, etc will be assigned to the Left Channel of a stereo converter. Channels 1, 3, 5, etc
will be assigned to the Right Channel of a stereo converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com