Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
80
PROCESSING STATE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F03h
00h
Bits [31:0] in the table below
Set
703h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:0]
Processing State
RW
01h
The processing block is the high-pass filter (HPF). The processing state
is controlled as follows:
00h = Processing Off: HPF disabled
01h = Processing On: HPF enabled
02h = Processing Off: HPF disabled (benign not supported)
03h-7Fh = Reserved
80h-FFh = Vendor Specific – not used
POWER STATE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F05h
00h
Bits [31:0] in the table below
Set
705h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:4]
PS-Act
R
3h
Indicates the actual power state of the ADC1 widget node:
0h = D0
1h = D1
2h = D2
3h = D3
Note: The power state of the ADC1 widget node is controlled by PS-Set
below, however the control may be superseded by the PS-Set of the AFG
widget node.
[3:0]
PS-Set
RW
3h
Sets the power state of the ADC1 widget node:
0h = D0
1h = D1
2h = D2
3h = D3
CONVERTER STREAM, CHANNEL VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F06h
00h
Bits [31:0] in the table below
Set
706h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:4]
Stream
RW
0h
Stream ID used by this widget. Note that Stream ID = 0h is used to indicate
an unused stream, and converters will not transfer/receive link data for
streams with an ID of 0.
[3:0]
Channel
RW
0h
Lowest channel number used by this widget.
Note: as this widget does not support multi-channel capture, only a setting
of 0h is applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com