Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 137 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 137 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 141Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
137
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
PIN WIDGET CONTROL VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F07h
00h
Bits [31:0] in the table below
Set
707h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
H-Phn Enable
R
0
Not applicable as this in an input port
[6]
Out Enable
R
0
Not applicable as this in an input port
[5]
In Enable
RW
1
Controls the input path:
0 = Input path is disabled
1 = Input path is enabled
[4:3]
Rsvd
R
0h
Reserved
[2:0]
VRefEn
R
0h
Selectable VRef not supported
CONFIGURATION DEFAULT VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F1Ch
00h
Bits [31:0] in the table below
Set1
71Ch
Bits [7:0] in the table below
00000000h
Set2
71Dh
Bits [15:8] in the table below
00000000h
Set3
71Eh
Bits [23:16] in the table below
00000000h
Set4
71Fh
Bits [31:24] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:30]
Port Connectivity
RW
0h
Indicates the external connectivity:
0h = Jack
1h = No physical connection
2h = A fixed function device
3h = both a jack and an internal device are connected
[29:28]
Location[5:4]
RW
1h
Gross physical location of the device connected to Port-D:
0h = External on primary chassis
1h = Internal
2h = Separate chassis
3h = Other
[27:24]
Location[3:0]
RW
0h
Geometric location of the device connected to Port-D:
0h = Not applicable
1h = Rear
2h = Front
3h = Left
4h = Right
5h = Top
6h = Bottom
7h = Special
8h = Special
9h = Special
Ah-Fh = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com