Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 164 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 164 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 168Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
164
GET PARAMETER VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F00h
Parameter ID (PID)
Parameter Value
Audio Widget Capabilities Parameter (PID = 09h)
Bit
Bitfield Name
RW
Default
Description
[31:24]
Rsvd
R
00h
Reserved
[23:20]
Type
R
7h
Indicates that this is a Beep Generator Widget
[19:4]
Rsvd
R
0000h
Reserved
[3]
Amp Parameter
Override
R
1
The AFG amplifier parameters are overridden for this node
[2]
Out Amp Present
R
1
Output amplifier is present in this widget
[1:0]
Rsvd
R
0h
Reserved
Output Amplifier Capabilities Response Format (PID = 12h)
Bit
Bitfield Name
RW
Default
Description
[31]
Mute Capable
R
0
Beep amplifier does not support mute
[30:23]
Rsvd
R
0000h
Reserved
[22:16]
Step Size
R
17h
Gain step size is 6dB
[15]
Rsvd
R
0
Reserved
[14:8]
Num Steps
R
04h
Number of steps in gain range is 5 (0dB to −24dB)
[7]
Rsvd
R
0
Reserved
[6:0]
Offset
R
04h
The step number that 0dB corresponds to is 04h
BEEP GENERATION VERB
Verb ID
Payload [15:0]
Response[31:0]
Get
F0Ah
0000h
Bits [31:0] in the table below
Set
70Ah
Bits [15:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
0000000h
Reserved
[7:0]
Terminal Count
RW
00h
Sets tone divider value. The frequency of the beep tone is given by
f = 48kHz / (4 * Divider):
00h = Beep Generator disabled
01h = 12kHz
02h = 6 kHz
…. ….
FFh = 47.06 Hz
Note: for a beep to be generated, the AFG must be in state D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com