Electronic Components Datasheet Search
  English  ▼

X  

WM9001 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM9001
Description  1W Dual-Mode Class AB/D Speaker Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9001 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM9001 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Production Data
WM9001
w
PD, March 2010, Rev 4.1
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given
under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
AVDD
-0.3V
+4.5V
SPKVDD
-0.3V
+7V
Digital Inputs voltage range
AGND -0.3V
AVDD +0.3V
Analogue Inputs voltage range
AGND -0.3V
AVDD +0.3V
Operating temperature range, TA
-40ºC
+85ºC
Junction temperature, TJ
-40ºC
+150ºC
Storage temperature after soldering
-65ºC
+150ºC
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Analogue supply
AVDD
2.7
3.6
V
Speaker supply
SPKVDD
2.7
5.5
V
Ground
AGND, SPKGND
0
V
Notes:
1.
Analogue and speaker grounds must always be within 0.3V of each other.
2.
All supplies are completely independent from each other (i.e. not internally connected).
3.
AVDD must be less than or equal to SPKVDD.
4.
SPKVDD must be high enough to support the peak output voltage when using DCGAIN and ACGAIN functions, to
avoid output waveform clipping. Peak output voltage is AVDD*(DCGAIN+ACGAIN)/2.
5.
The EN and SYNC pins are compatible with low voltage (eg. 1.8v) logic levels from external devices, and can accept
logic 1 digital inputs as low as 1.6V, even though the WM9001 AVDD supply minimum is 2.7V. This provides
compatibility with a low voltage DVDD on a controlling device such as the WM8991 CODEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com