Electronic Components Datasheet Search
  English  ▼

X  

WM9001 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9001
Description  1W Dual-Mode Class AB/D Speaker Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9001 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9001 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
w
WM9001
1W Dual-Mode Class AB/D Speaker Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, March 2010, Rev 4.1
Copyright
©2010 Wolfson Microelectronics plc
DESCRIPTION
The WM9001 is a powerful, high quality speaker driver which
can operate in class D or AB mode, providing total flexibility to
the system designer. Low leakage, high PSRR and pop/click
suppression enable direct battery connection to the speaker
supply. RF noise suppression techniques and differential design
are used to suppress undesired noise. A single-ended input
option has been included for complete system flexibility.
The device is enabled by setting a logic '1' on the EN pin. The
class D clock can be generated by an internal oscillator, or
supplied from an external clock source.
Flexible speaker boost options (requiring no additional
components) allow output volume to be maximised for various
SPKVDD/AVDD combinations while minimising internal power
consumption.
The WM9001 is available in a 3x3mm QFN package, ideal for
portable systems such as mobile phones, portable navigation
devices, media players, laptop computers and electronic
dictionaries.
FEATURES
•
Class D and AB speaker driver modes for flexibility
•
Speaker driver provides 1W into 8Ω at <0.1% THD
•
SNR 102dB (Class AB), 97dB (Class D)
•
Differential and single-ended input modes
•
>80dB PSRR @ 217Hz (SPKVDD)
•
<1
μA typical leakage with direct battery connection
•
Filterless speaker connection
•
Fully differential architecture (differential mode)
•
Pop/click suppression
•
RF noise suppression
•
Fully compatible with Wolfson CODECs
including WM8990 / WM8991
•
Internal oscillator or external clock source
•
Thermal shutdown protection
•
3x3mm QFN package
APPLICATIONS
•
Mobile phones
•
Portable navigation devices
•
Portable media players
•
Laptop computers and portable gaming devices
•
Electronic dictionaries
•
General-purpose high quality speaker amplifier
BLOCK DIAGRAM


Similar Part No. - WM9001

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9010 WOLFSON-WM9010 Datasheet
278Kb / 12P
Low Power, Class G Stereo Headphone Driver
logo
Cirrus Logic
WM9010 CIRRUS-WM9010 Datasheet
278Kb / 12P
Low Power, Class G Stereo Headphone Driver
logo
Wolfson Microelectronic...
WM9010ECSN/R WOLFSON-WM9010ECSN/R Datasheet
278Kb / 12P
Low Power, Class G Stereo Headphone Driver
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
logo
Wolfson Microelectronic...
WM9082 WOLFSON-WM9082 Datasheet
563Kb / 24P
PDM Input Mono 3W Class D Speaker Driver
More results

Similar Description - WM9001

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
1W Class AB Audio Power Amplifier
logo
Wolfson Microelectronic...
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
WM8959 WOLFSON-WM8959 Datasheet
2Mb / 155P
Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
logo
Princeton Technology Co...
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
10W Stereo Class-D Speaker Driver
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
Class AB/D dual-mode, 10W mono audio amplifier
V1.0
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com