Electronic Components Datasheet Search
  English  ▼

X  

WM9001 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM9001
Description  1W Dual-Mode Class AB/D Speaker Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9001 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM9001 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 25Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
WM9001
Production Data
w
PD, March 2010, Rev 4.1
22
PCB LAYOUT CONSIDERATIONS
The efficiency of the speaker drivers is affected by the series resistance between the WM9001 and
the speaker (e.g. inductor ESR) as shown in Figure 12. This resistance should be as low as possible
to aximizi efficiency.
Figure 12 Speaker Connection Losses
The distance between the WM9001 and the speakers should be kept to a minimum to reduce series
resistance, and also to reduce EMI. Further reductions in EMI can be achieved by additional passive
filtering and/or shielding as shown in Figure 13. When additional passive filtering is used, low ESR
components should be chosen to aximizi series resistance between the WM9001 and the speaker,
aximizing efficiency.
LC passive filtering will usually be effective at reducing EMI at frequencies up to around 30MHz. To
reduce emissions at higher frequencies, ferrite beads placed as close to the device as possible will
be more effective.
WM9001
SPKP
SPKN
EMI
WM9001
SPKP
SPKN
Short connection reduces EMI
WM9001
SPKP
SPKN
LC Filtering
reduces EMI
LOW ESR
LOW ESR
WM9001
SPKP
SPKN
Shielding using PCB ground
plane (or Vdd) reduces EMI
WM9001
SPKP
SPKN
Ferrite beads reduce EMI
LC filtering is more effective at removing EMI at
frequencies below ~30MHz
Ferrite beads are more effective at removing
EMI at frequencies above ~30MHz
Long, exposed tracks emit more EMI
Figure 13 EMI Reduction Techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com