Electronic Components Datasheet Search
  English  ▼

X  

WM9001 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM9001
Description  1W Dual-Mode Class AB/D Speaker Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9001 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM9001 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
WM9001
Production Data
w
PD, March 2010, Rev 4.1
10
TYPICAL POWER CONSUMPTION
MODE
GAIN
EN
CDMODE
SYNC
INP_SEL
TOTAL
(V)
(uA)
(V)
(uA)
(uW)
OFF
0dB
000000
2.7
0.02
0.054
EN=0, AVDD=0V
0dB
000000
3.7
0.06
0.222
0dB
000000
4.2
0.11
0.462
0dB
000000
5
0.14
0.7
0dB
000000
5.5
0.17
0.935
(V)
(uA)
(V)
(uA)
(uW)
OFF Standby
0dB
0000
2.7
7.67
2.7
0.02
20.763
EN=0, AVDD enabled
2.1dB
00003
8.16
3.7
0.07
24.739
2.1dB
0000
3.3
8.91
4.2
0.1
29.823
3.6dB
0000
3.3
8.93
5
0.37
31.319
3.6dB
0000
3.6
9.75
5.5
0.64
38.62
(V)
(mA)
(V)
(mA)
(mW)
Class AB Speaker Mode
0dB
1100
2.7
0.3
2.7
3.45
10.12
8Ω
2.1dB
11003
0.33
3.7
4.69
18.35
2.1dB
1100
3.3
0.35
4.2
5.6
24.71
3.6dB
1100
3.3
0.35
5
6.37
33
3.6dB
1100
3.6
0.38
5.5
7.42
42.16
Class D Speaker Mode
0dB
1000
2.7
1.09
2.7
1.08
5.84
8Ω
2.1dB
10003
1.22
3.7
1.52
9.3
Internal Oscillator
2.1dB
1000
3.3
1.36
4.2
1.8
12.06
3.6dB
1000
3.3
1.36
5
2.15
15.23
3.6dB
1000
3.6
1.5
5.5
2.42
18.74
Class D Speaker Mode
0dB
1
0
800kHz
0
2.7
1.08
2.7
1.13
5.97
8Ω
2.1dB
1
0
800kHz
0
3
1.23
3.7
1.54
9.4
External Oscillator
2.1dB
1
0
800kHz
0
3.3
1.37
4.2
1.76
11.91
3.6dB
1
0
800kHz
0
3.3
1.37
5
2.19
15.45
3.6dB
1
0
800kHz
0
3.6
1.52
5.5
2.47
19.06
(V)
(mA)
(V)
(mA)
(mW)
Class AB Speaker Mode
0.45W into 8Ω
Class AB Speaker Mode
0.2W into 8Ω
Class D Speaker Mode
1W into 8Ω
Class D Speaker Mode
0.5W into 8Ω
606.73
1180.18
3.6dB
1000
3.3
1.36
5
120.45
722.26
3.6dB
1000
3.3
1.34
5
235.15
1059.3
3.6dB
1100
3.3
0.35
5
144.22
3.3
0.35
5
211.63
QUIESCENT
ACTIVE
3.6dB
1100
AVDD
SPKVDD
BATTERY LEAKAGE
STANDBY LEAKAGE
Note that the Gain settings are determined by the BSEL[2:0] values as follows:
Gain (dB)
Gain (v)
BSEL[2]
BSEL[1]
BSEL[0]
0dB
1.00x
0
0
0
2.1dB
1.27x
0
0
1
2.9dB
1.40x
0
1
0
3.6dB
1.52x
0
1
1
4.5dB
1.67x
1
0
0
5.1dB
1.80x
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com