Electronic Components Datasheet Search
  English  ▼

X  

WM9001 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM9001
Description  1W Dual-Mode Class AB/D Speaker Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9001 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM9001 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
WM9001
Production Data
w
PD, March 2010, Rev 4.1
12
PSRR PERFORMANCE
Typical PSRR versus frequency curves are provided below. The curves were produced by
superimposing a 100mV pk-pk ripple onto a DC level at the supply pin and measuring rejection of
this signal at the output.
CLASS AB SPKVDD PSRR
CLASS D SPKVDD PSRR
WM9001 Class AB SPKVDD PSRR
AVDD=3.3V, SPKVDD=5.0V
40
50
60
70
80
90
100
0
2
4
6
8
101214
161820
Frequency (kHz)
Differential Mode
Single-Emded Mode
WM9001 Class D SPKVDD PSRR
AVDD=3.3V, SPKVDD=5.0V
40
50
60
70
80
90
100
0
2
4
6
8
1012
1416
1820
Frequency (kHz)
Differential Mode
Single-Emded Mode
CLASS AB AVDD PSRR
CLASS D AVDD PSRR
WM9001 Class AB AVDD PSRR
AVDD=3.3V, SPKVDD=5.0V
20
30
40
50
60
70
80
90
02468
10
12
14
16
18
20
Frequency (kHz)
Differential Mode
Single-Emded Mode
WM9001 Class D AVDD PSRR
AVDD=3.3V, SPKVDD=5.0V
20
30
40
50
60
70
80
90
02468
10
12
14
16
18
20
Frequency (kHz)
Differential Mode
Single-Emded Mode
Note: The measurement noise floor is at approximately 88dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com