Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 245 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 245 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 241Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 242Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 243Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 244Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 245Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 246Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 248Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 249Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
245
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
9:8
DC2_FREQ
[1:0]
00
DC-DC2 Switching Frequency
00 = Reserved
01 = 2.0MHz
10 = Reserved
11 = 4.0MHz
7
DC2_FLT
0
DC-DC2 Output float
0 = DC-DC2 output discharged when disabled
1 = DC-DC2 output floating when disabled
5:4
DC2_SOFT_ST
ART [1:0]
00
DC-DC2 Soft-Start Control
(Duration in each of the 8 startup current limiting steps.)
00 = 32us steps
01 = 64us steps
10 = 128us steps
11 = 256us steps
1:0
DC2_CAP [1:0]
00
DC-DC2 Output Capacitor
00 = 4.7uF to 20uF
01 = Reserved
10 = 22uF to 47uF
11 = Reserved
Register 405Bh DC2 Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16476
(405Ch)
DC2 Control
2
15:14
DC2_ERR_AC
T [1:0]
00
DC-DC2 Error Action (Undervoltage)
00 = Ignore
01 = Shut down converter
10 = Shut down system (Device Reset)
11 = Reserved
Note that an Interrupt is always raised.
12:11
DC2_HWC_SR
C [1:0]
00
DC-DC2 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
DC2_HWC_VS
EL
0
DC-DC2 Hardware Control Voltage select
0 = Set by DC2_ON_VSEL
1 = Set by DC2_SLP_VSEL
9:8
DC2_HWC_M
ODE [1:0]
11
DC-DC2 Hardware Control Operating Mode
00 = Forced Continuous Conduction Mode
01 = Disabled
10 = LDO Mode
11 = Hysteretic Mode
6:4
DC2_HC_THR
[2:0]
000
DC-DC2 High Current threshold
000 = 125mA
001 = 250mA
010 = 375mA
011 = 500mA
100 = 625mA
101 = 750mA
110 = 875mA
111 = 1000mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com