| Electronic Components Datasheet Search |
|
AD9915BCPZ Datasheet(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9915BCPZ Datasheet(HTML) 35 Page - Analog Devices |
|
35 / 48 page ![]() Data Sheet AD9915 Rev. A | Page 35 of 48 The synchronization mechanism begins with the clock distribution and delay equalization block, which is used to ensure that all devices receive an edge-aligned REF_CLK signal. However, even though the REF_CLK signal is edge aligned among all devices, this alone does not guarantee that the clock state of each internal clock generator is coordinated with the others. This is the role of the synchronization redistribution circuit, which accepts the SYNC_OUT signal generated by the master device and redistributes it to the SYNC_IN input of the slave units (as well as feeding it back to the master). The goal of the redistributed SYNC_OUT signal from the master device is to deliver an edge-aligned SYNC_IN signal to all of the sync receivers. Assuming that all devices share the same REF_CLK edge (due to the clock distribution and delay equalization block) and all devices share the same SYNC_IN edge (due to the synchronization distribution and delay equalization block), all devices should generate an internal sync pulse in unison and the synchronized sync pulses cause all of the devices to assume the same predefined clock state simultaneously; that is, the internal clocks of all devices become fully synchronized. The synchronization mechanism depends on the reliable generation of a sync pulse by the edge detection block in the sync receiver. Generation of a valid sync pulse, however, requires proper sampling of the rising edge of the SYNC_IN signal with the rising edge of the local SYSCLK. If the edge timing of these signals fails to meet the setup or hold time requirements of the internal latches in the edge detection circuitry, the proper generation of the sync pulse is in jeopardy. Ambient operating temperature and self-heating of the AD9915 must also be considered when attempting to synchronize multiple devices. In general, the propagation delay from the SYNC_IN pin to the internal clock generators is fixed for a given operating temperature. However, large temperature differences between devices or rapid increases in device temperature at power-up increase the complexity of synchronization. Table 14 and Table 15 display the delay time increment for both SYNC_IN and SYNC_OUT vs. their corresponding register values, from 0 to 7. Table 14. SYNC_IN Delay (Total Delay = 1.2 ns) Delay Step Increment, Typ (ns) 0 to 1 0.26 1 to 2 0.15 2 to 3 0.15 3 to 4 0.15 4 to 5 0.15 5 to 6 0.17 6 to 7 0.17 Table 15. SYNC_OUT Delay (Total Delay = 1.97 ns) Delay Step Increment, Typ (ns) 0 to 1 0.17 1 to 2 0.3 2 to 3 0.3 3 to 4 0.3 4 to 5 0.3 5 to 6 0.3 6 to 7 0.3 Figure 49. Configuration of Multiple Devices to Be Synchronized SYNC IN SYNC OUT REF_CLK AD9915 NUMBER 1 MASTER DEVICE FPGA DATA FPGA DATA FPGA DATA EDGE ALIGNED AT REF_CLK INPUTS EDGE ALIGNED AT SYNC_IN INPUTS SYNC IN SYNC OUT REF_CLK AD9915 NUMBER 2 SYNC IN SYNC OUT REF_CLK AD9915 NUMBER 3 (FOR EXAMPLE AD951x) CLOCK DISTRIBUTION AND DELAY EQUALIZATION SYNCHRONIZATION DISTRIBUTION AND DELAY EQUALIZATION (FOR EXAMPLE AD951x) CLOCK SOURCE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |