Electronic Components Datasheet Search
  English  ▼

X  

AD9915BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9915BCPZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9915BCPZ Datasheet HTML 1Page - Analog Devices AD9915BCPZ Datasheet HTML 2Page - Analog Devices AD9915BCPZ Datasheet HTML 3Page - Analog Devices AD9915BCPZ Datasheet HTML 4Page - Analog Devices AD9915BCPZ Datasheet HTML 5Page - Analog Devices AD9915BCPZ Datasheet HTML 6Page - Analog Devices AD9915BCPZ Datasheet HTML 7Page - Analog Devices AD9915BCPZ Datasheet HTML 8Page - Analog Devices AD9915BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
2.5 GSPS Direct Digital Synthesizer
with 12-Bit DAC
Data Sheet
AD9915
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
2.5 GSPS internal clock speed
Integrated 12-bit DAC
Frequency tuning resolution to 135 pHz
16-bit phase tuning resolution
12-bit amplitude scaling
Programmable modulus
Automatic linear and nonlinear frequency sweeping
capability
32-bit parallel datapath interface
8 frequency/phase offset profiles
Phase noise: −128 dBc/Hz (1 kHz offset at 978 MHz)
Wideband SFDR < −57 dBc
Serial or parallel I/O control
1.8 V/3.3 V power supplies
Software and hardware controlled power-down
88-lead LFCSP package
PLL REF CLK multiplier
Phase modulation capability
Amplitude modulation capability
Multichip synchronization
APPLICATIONS
Agile LO frequency synthesis
Programmable clock generator
FM chirp source for radar and scanning systems
Test and measurement equipment
Acousto-optic device drivers
Polar modulator
Fast frequency hopping
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
12-BIT DAC
2.5GSPS DDS CORE
TIMING AND CONTROL
AD9915
HIGH SPEED PARALLEL
MODULATION
PORT
LINEAR
SWEEP
BLOCK
SERIAL OR PARALLEL
DATA PORT
REF CLK
MULTIPLIER


Similar Part No. - AD9915BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9915BCPZ AD-AD9915BCPZ Datasheet
2Mb / 51P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Rev. G
AD9915BCPZ-REEL7 AD-AD9915BCPZ-REEL7 Datasheet
2Mb / 51P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Rev. G
More results

Similar Description - AD9915BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9914 AD-AD9914 Datasheet
898Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
852Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
AD9174 AD-AD9174 Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
5/2019-Rev. 0 to Rev. A
AD9914S AD-AD9914S Datasheet
1Mb / 17P
3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com