Electronic Components Datasheet Search
  English  ▼

X  

AD9915BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9915BCPZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9915BCPZ Datasheet HTML 14Page - Analog Devices AD9915BCPZ Datasheet HTML 15Page - Analog Devices AD9915BCPZ Datasheet HTML 16Page - Analog Devices AD9915BCPZ Datasheet HTML 17Page - Analog Devices AD9915BCPZ Datasheet HTML 18Page - Analog Devices AD9915BCPZ Datasheet HTML 19Page - Analog Devices AD9915BCPZ Datasheet HTML 20Page - Analog Devices AD9915BCPZ Datasheet HTML 21Page - Analog Devices AD9915BCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AD9915
Data Sheet
Rev. A | Page 18 of 48
This equation implies a modulus of B × 232 (rather than 232, in
the case of a standard DDS). Furthermore, because B is
programmable, the result is a DDS with a programmable
modulus.
When in programmable modulus mode, the 32-bit auxiliary
accumulator operates in a way that allows it to roll over at a
value other than its full capacity of 232. That is, it operates with a
modified modulus based on the programmable value of B. With
each roll over of the auxiliary accumulator, a value of 1 LSB
adds to the current accumulated value of the 32-bit phase
accumulator. This behavior changes the modulus of the phase
accumulator to B × 232 (instead of 232), allowing it to synthesize
the desired f0.
To determine the programmable modulus mode register values
for FTW, A, and B, the user must first define f0/fS as a ratio of
relatively prime integers, M/N. That is, having converted f0 and
fS to integers, M and N, reduce the fraction, M/N, to its lowest
terms. Then, divide M × 232 by N. The integer part of this
division operation is the value of FTW (Register 0x04[31:0]).
The remainder, Y, of this division operation is
Y = (232 × M) – (FTW × N)
The value of Y facilitates the determination of A and B by
taking the fraction, Y/N, and reducing it to its lowest terms.
Then, the numerator of the reduced fraction is A (Register
0x06[31:0]) and the denominator is the B (Register 0x05[31:0]).
For example, synthesizing precisely 300 MHz with a 1 GHz
system clock is not possible with a standard DDS. It is possible,
however, using programmable modulus as follows.
First, express f0/fS as a ratio of integers:
300,000,000/1,000,000,000
Reducing this fraction to lowest terms yields 3/10; therefore,
M = 3 and N = 10. FTW is the integer part of (M × 232)/N, or
(3 × 232)/10, which is 1,288,490,188 (0x4CCCCCCC in 32-bit
hexadecimal notation). The remainder, Y, of (3 × 232)/10, is (232
× 3) − (1,288,490,188 × 10), which is 8. Therefore, Y/N is 8/10,
which reduces to 4/5. Therefore, A = 4 and B = 5 (0x00000004
and 0x00000005 in 32-bit hexadecimal notation, respectively).
Programming the AD9915 with these values of FTW, A, and B
results in an output frequency that is exactly 3/10 of the system
clock frequency.
MODE PRIORITY
The ability to activate each mode independently makes it
possible to have multiple data sources attempting to drive the
same DDS signal control parameter (frequency, phase, and
amplitude). To avoid contention, the AD9915 has a built-in
priority system. Table 6 summarizes the priority for each of the
DDS modes. The data source column in Table 6 lists data sources
for a particular DDS signal control parameter in descending
order of precedence. For example, if the profile mode enable bit
and the parallel data port enable bit (0x01[23:22]) are set to
Logic 1 and both are programmed to source the frequency
tuning word to DDS output, the profile modulation mode has
priority over the parallel data port modulation mode.
Table 6. Data Source Priority
Priority
DDS Signal Control Parameters
Data Source
Conditions
Highest
Priority
Programmable
modulus
If programmable modulus mode is used to output frequency only, no other data source can be used to
control the output frequency in this mode. Note that the DRG is used in conjunction with programmable
modulus mode; therefore, the DRG cannot be used to sweep phase or amplitude in programmable
modulus mode.
If output phase offset control is desired, enable profile mode and use the profile registers and profile
pins accordingly to control output phase adjustment.
If output amplitude control is desired, enable profile mode and use the profile registers and profile pins
accordingly to control output amplitude adjustment. Note that the OSK enable bit must be set to control
the output amplitude.
DRG
The digital ramp modulation mode is the next highest priority mode. If the DRG is enabled to sweep
output frequency, phase, or amplitude, the two parameters not being swept can be controlled
independently via the profile mode.
Profiles
The profile modulation mode is the next highest priority mode. Profile mode can be used to control all
three parameters independently, if desired.
Lowest
Priority
Parallel port
Parallel data port modulation has the lowest priority but the most flexibility as far as changing any
parameter at the high rate. See the Programming and Function pins section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com