Electronic Components Datasheet Search
  English  ▼

X  

AD9915BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9915BCPZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9915BCPZ Datasheet HTML 12Page - Analog Devices AD9915BCPZ Datasheet HTML 13Page - Analog Devices AD9915BCPZ Datasheet HTML 14Page - Analog Devices AD9915BCPZ Datasheet HTML 15Page - Analog Devices AD9915BCPZ Datasheet HTML 16Page - Analog Devices AD9915BCPZ Datasheet HTML 17Page - Analog Devices AD9915BCPZ Datasheet HTML 18Page - Analog Devices AD9915BCPZ Datasheet HTML 19Page - Analog Devices AD9915BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
AD9915
Data Sheet
Rev. A | Page 16 of 48
EQUIVALENT CIRCUITS
Figure 26. DAC Output
Figure 27. REF CLK input
Figure 28. CMOS Input
Figure 29. CMOS Output
SWITCH
CONTROL
CODE
AGND
AVDD (3.3V)
CURRENT
SWITCH
ARRAY
CURRENT
SWITCH
ARRAY
AOUT
AOUT
INTERNAL
50Ω
INTERNAL
50Ω
IFS/2 + ICODE
IFS/2 – ICODE
IFS
41
42
AVDD (3.3V)
REF_CLK
REF_CLK
DVDD (3.3V)
DVDD (3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com