Electronic Components Datasheet Search
  English  ▼

X  

AD9915BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9915BCPZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9915BCPZ Datasheet HTML 19Page - Analog Devices AD9915BCPZ Datasheet HTML 20Page - Analog Devices AD9915BCPZ Datasheet HTML 21Page - Analog Devices AD9915BCPZ Datasheet HTML 22Page - Analog Devices AD9915BCPZ Datasheet HTML 23Page - Analog Devices AD9915BCPZ Datasheet HTML 24Page - Analog Devices AD9915BCPZ Datasheet HTML 25Page - Analog Devices AD9915BCPZ Datasheet HTML 26Page - Analog Devices AD9915BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Data Sheet
AD9915
Rev. A | Page 23 of 48
DIGITAL RAMP GENERATOR (DRG)
DRG Overview
To sweep phase, frequency, or amplitude from a defined start
point to a defined endpoint, a completely digital ramp generator
is included in the AD9915. The DRG makes use of eight control
register bits, three external pins, and five 32-bit registers (see
Figure 36).
Figure 36. Digital Ramp Block Diagram
The primary control for the DRG is the digital ramp enable bit
(0x01[19]). When disabled, the other DRG input controls are
ignored and the internal clocks are shut down to conserve power.
The output of the DRG is a 32-bit unsigned data bus that can be
routed to any one of the three DDS signal control parameters, as
controlled by the two digital ramp destination bits in Control
Function Register 2 according to Table 9. The 32-bit output bus
is MSB-aligned with the 32-bit frequency parameter, the 16-bit
phase parameter, or the 12-bit amplitude parameter, as defined
by the destination bits. When the destination is phase or
amplitude, the unused LSBs are ignored.
Table 9. Digital Ramp Destination
Digital Ramp
Destination Bits
(CFR2[21:20])
DDS Signal
Control
Parameter
Bits Assigned to
DDS Parameter
00
Frequency
31:0
01
Phase
31:18
1x1
Amplitude
31:20
1 x = don’t care.
The ramp characteristics of the DRG are fully programmable. This
includes the upper and lower ramp limits, and independent control
of the step size and step rate for both the positive and negative slope
characteristics of the ramp. A detailed block diagram of the DRG is
shown in Figure 37.
The direction of the ramping function is controlled by the
DRCTL pin. Logic 0 on this pin causes the DRG to ramp
with a negative slope, whereas Logic 1 causes the DRG to ramp
with a positive slope.
The DRG also supports a hold feature controlled via the DRHOLD
pin. When this pin is set to Logic 1, the DRG is stalled at its last
state; otherwise, the DRG operates normally. The DDS signal
control parameters that are not the destination of the DRG are
taken from the active profile.
Figure 37. Digital Ramp Generator Detail
DDS CLOCK
DIGITAL RAMP ENABLE
LOAD LRR AT I/O_UPDATE
CLEAR DIGITAL
RAMP ACCUMULATOR
AUTOCLEAR DIGITAL
RAMP ACCUMULATOR
32
32
DIGITAL RAMP DESTINATION
2
DIGITAL RAMP NO-DWELL
2
32
32
63
64
65
32
32
TO DDS
SIGNAL
CONTROL
PARAMETER
DIGITAL
RAMP
GENERATOR
DIGITAL RAMP LOWER LIMIT REGISTER
RISING DIGITAL RAMP STEP
SIZE REGISTER
DIGITAL RAMP UPPER LIMIT REGISTER
FALLING DIGITAL RAMP STEP
SIZE REGISTER
DIGITAL RAMP RATE REGISTER
DDS CLOCK
D
Q
R
LOWER
LIMIT
0
1
DECREMENT STEP SIZE
PRESET
Q
DRCTL
LOAD
CLEAR DIGITAL RAMP ACCUMULATOR
AUTOCLEAR DIGITAL RAMP ACC
.
NO DWELL
LIMIT CONTROL
DIGITAL RAMP ACCUMULATOR
INCREMENT STEP SIZE
32
32
0
1
NEGATIVE SLOPE RATE
POSITIVE SLOPE RATE
16
16
32
16
62
DRHOLD 63
32
32
LOAD
CONTROL
LOGIC
LOAD LRR AT I/O_UPDATE
DIGITAL
RAMP
TIMER
ACCUMULATOR
RESET
CONTROL
LOGIC
NO-DWELL
CONTROL
2
32
32
TO DDS
SIGNAL
CONTROL
PARAMETER
UPPER
LIMIT
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com