Electronic Components Datasheet Search
  English  ▼

X  

RT7263B Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7263B
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7263B Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7263B Datasheet HTML 1Page - Richtek Technology Corporation RT7263B Datasheet HTML 2Page - Richtek Technology Corporation RT7263B Datasheet HTML 3Page - Richtek Technology Corporation RT7263B Datasheet HTML 4Page - Richtek Technology Corporation RT7263B Datasheet HTML 5Page - Richtek Technology Corporation RT7263B Datasheet HTML 6Page - Richtek Technology Corporation RT7263B Datasheet HTML 7Page - Richtek Technology Corporation RT7263B Datasheet HTML 8Page - Richtek Technology Corporation RT7263B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT7263B
4
DS7263B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------
−0.3V to 26V
Switch Voltage, SW -----------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
Boot Voltage, BOOT ----------------------------------------------------------------------------------------- (SW
− 0.3V) to (SW + 6V)
Other Pins ------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WDFN-14L 4x3 ------------------------------------------------------------------------------------------------ 1.667W
Package Thermal Resistance (Note 2)
WDFN-14L 4x3,
θJA ------------------------------------------------------------------------------------------ 60°C/W
WDFN-14L 4x3,
θJC ------------------------------------------------------------------------------------------ 7°C/W
Junction Temperature ---------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ---------------------------------------------------------------------------------- 4.5V to 21V
Junction Temperature Range -------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Current
ISHDN
VEN = 0
--
0
1
μA
Quiescent Current
IQ
VEN = 2V, VFB = 1V
--
0.7
--
mA
Upper Switch On Resistance
RDS(ON)1
--
120
--
m
Ω
Lower Switch On Resistance
RDS(ON)2
--
40
--
m
Ω
Switch Leakage
ILEAK
VEN = 0V, VSW = 0V or 12V
--
0
10
μA
Current Limit
ILIMIT
VBOOT − VSW = 4.8V
5.4
6.5
--
A
Oscillator Frequency
fSW
VFB = 0.75V
425
500
575
kHz
Short Circuit Frequency
VFB = 0V
--
150
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
--
90
--
%
Minimum On Time
tON
--
100
--
ns
Feedback Voltage
VFB
4.5V
≤ V
IN ≤ 21V
0.593 0.603 0.613
V
Feedback Current
IFB
--
10
50
nA
Logic-High
VIH
2
--
5.5
EN Voltage
Logic-Low
VIL
--
--
0.4
V
VEN = 2V
--
1
--
Enable Current
VEN = 0V
--
0
--
μA
(VIN = 12V, TA = 25
°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com