Electronic Components Datasheet Search
  English  ▼

X  

RT7263B Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7263B
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7263B Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7263B Datasheet HTML 3Page - Richtek Technology Corporation RT7263B Datasheet HTML 4Page - Richtek Technology Corporation RT7263B Datasheet HTML 5Page - Richtek Technology Corporation RT7263B Datasheet HTML 6Page - Richtek Technology Corporation RT7263B Datasheet HTML 7Page - Richtek Technology Corporation RT7263B Datasheet HTML 8Page - Richtek Technology Corporation RT7263B Datasheet HTML 9Page - Richtek Technology Corporation RT7263B Datasheet HTML 10Page - Richtek Technology Corporation RT7263B Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT7263B
7
DS7263B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Reference Voltage vs. Temperature
0.56
0.57
0.58
0.59
0.60
0.61
0.62
0.63
0.64
-50-25
0
25
50
75100
125
Temperature (°C)
Reference Voltage vs. Input Voltage
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
4
6
8
10
12
14
16
18
20
22
Input Voltage (V)
Typical Operating Characteristics
Switching Frequency vs. Temperature
300
350
400
450
500
550
600
650
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VOUT = 1.2V
Switching Frequency vs. Input Voltage
400
425
450
475
500
525
550
4
6
8
10
12
14
16
18
20
22
Input Voltage (V)
VOUT = 1.2V
Output Voltage vs. Output Current
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
00.5
11.5
22.5
3
Output Current (A)
VOUT = 1.2V, IOUT = 0A to 3A
VIN = 21V
VIN = 12V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
3
Output Current (A)
VOUT = 1.2V, IOUT = 0A to 3A
VIN = 12V
VIN = 21V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com