Electronic Components Datasheet Search
  English  ▼

X  

RT7263B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7263B
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7263B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7263B Datasheet HTML 1Page - Richtek Technology Corporation RT7263B Datasheet HTML 2Page - Richtek Technology Corporation RT7263B Datasheet HTML 3Page - Richtek Technology Corporation RT7263B Datasheet HTML 4Page - Richtek Technology Corporation RT7263B Datasheet HTML 5Page - Richtek Technology Corporation RT7263B Datasheet HTML 6Page - Richtek Technology Corporation RT7263B Datasheet HTML 7Page - Richtek Technology Corporation RT7263B Datasheet HTML 8Page - Richtek Technology Corporation RT7263B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT7263B
®
DS7263B-01
September 2012
www.richtek.com
1
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
3A, 21V 500kHz Synchronous Step-Down Converter
General Description
The RT7263B is a synchronous step-down regulator with
an internal power MOSFET. It achieves 3A of continuous
output current over a wide input supply range with excellent
load and line regulation. Current mode operation provides
fast transient response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle current
limiting and thermal shutdown. An adjustable soft-start
reduces the stress on the input source at startup.
The RT7263B requires a minimal number of readily
available external components, providing a compact
solution.
Features
Wide Input Range : 4.5V to 21V
Adjustable Output from 0.603V to 15V
3A Output Current
120m
Ω
Ω
Ω
Ω
Ω/40mΩ
Ω
Ω
Ω
Ω Internal Power MOSFET Switch
Internal Compensation Minimizes External Parts
500kHz Fixed Switching Frequency
Synchronized External Clock from 300kHz to 2MHz
Adjustable Soft-Start
Cycle-by-Cycle Over Current Limit
Thermal Shutdown Protection
Small 14-Lead WDFN Package
RoHS Compliant and Halogen Free
Applications
Distributive Power Systems
Battery Charger
DSL Modems
Pre-Regulator for Linear Regulators
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
QW : WDFN-14L 4x3 (W-Type)
RT7263B
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
Simplified Application Circuit
Marking Information
10 : Product Code
YMDNN : Date Code
10 YM
DNN
VIN
VCC
SYNC
VIN
RT7263B
CIN
GND
EN
AGND
ON/OFF
SYNC
BOOT
FB
SW
L
R1
R2
VOUT
CBOOT
COUT
SS
RT
CSS
CC


Similar Part No. - RT7263B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
More results

Similar Description - RT7263B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8287 RICHTEK-RT8287 Datasheet
348Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8288 RICHTEK-RT8288 Datasheet
325Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8716 MPS-MP8716 Datasheet
321Kb / 14P
High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28256 MPS-MP28256 Datasheet
360Kb / 13P
21V, 3A 500kHz Synchronous Step-Down Coverter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
MPQ28261 MPS-MPQ28261 Datasheet
606Kb / 20P
21V, 3A, 500kHz Synchronous Step-Down Coverter
EVQ28261-L-00A MPS-EVQ28261-L-00A Datasheet
343Kb / 6P
21V, 3A 500kHz Synchronous Step-down Converter EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com