Electronic Components Datasheet Search
  English  ▼

X  

RT7263B Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT7263B
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7263B Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT7263B Datasheet HTML 2Page - Richtek Technology Corporation RT7263B Datasheet HTML 3Page - Richtek Technology Corporation RT7263B Datasheet HTML 4Page - Richtek Technology Corporation RT7263B Datasheet HTML 5Page - Richtek Technology Corporation RT7263B Datasheet HTML 6Page - Richtek Technology Corporation RT7263B Datasheet HTML 7Page - Richtek Technology Corporation RT7263B Datasheet HTML 8Page - Richtek Technology Corporation RT7263B Datasheet HTML 9Page - Richtek Technology Corporation RT7263B Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT7263B
6
DS7263B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Table 1. Recommended Components Selection
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RT (kΩ)
L (
μH)
COUT (μF)
5
75
10.23
0
4.7
22 x 2
3.3
75
16.67
0
3.6
22 x 2
2.5
75
23.68
0
3.6
22 x 2
1.8
5
2.5
24
2
22 x 2
1.5
5
3.33
27
2
22 x 2
1.2
5
5
36
2
22 x 2
1.05
5
6.67
39
1.5
22 x 2
VIN
VCC
SYNC
11
1
22µF
VIN
RT7263B
7
CIN
GND
12, 13, 15 (Exposed Pad)
EN
AGND
9
ON/OFF
14
SYNC
BOOT
FB
SW
8
2, 3, 4, 5
6
L
100nF
R1
R2
VOUT
CBOOT
COUT
SS
10
RT
CSS
47nF
0.1µF
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com