Electronic Components Datasheet Search
  English  ▼

X  

RT7263B Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7263B
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7263B Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7263B Datasheet HTML 6Page - Richtek Technology Corporation RT7263B Datasheet HTML 7Page - Richtek Technology Corporation RT7263B Datasheet HTML 8Page - Richtek Technology Corporation RT7263B Datasheet HTML 9Page - Richtek Technology Corporation RT7263B Datasheet HTML 10Page - Richtek Technology Corporation RT7263B Datasheet HTML 11Page - Richtek Technology Corporation RT7263B Datasheet HTML 12Page - Richtek Technology Corporation RT7263B Datasheet HTML 13Page - Richtek Technology Corporation RT7263B Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT7263B
10
DS7263B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The IC is a synchronous high voltage step-down converter
that can support the input voltage range from 4.5V to 21V
and the output current can be up to 3A.
Output Voltage Setting
The output voltage is set by an external resistive divider
according to the following equation :
⎛⎞
+
⎜⎟
⎝⎠
OUT
FB
R1
V
= V
1
R2
Figure 1. Output Voltage Setting
Figure 2. External Bootstrap Diode
where VFB is the feedback reference voltage 0.603V (typ.).
The resistive divider allows the FB pin to sense a fraction
of the output voltage as shown in Figure 1.
External Bootstrap Diode
Connect a 100nF low ESR ceramic capacitor between
the BOOT pin and SW pin as shown in Figure 2. This
capacitor provides the gate driver voltage for the high side
MOSFET. It is recommended to add an external bootstrap
diode between an external 5V and BOOT pin for efficiency
improvement when input voltage is lower than 5.5V or duty
ratio is higher than 65% .The bootstrap diode can be a
low cost one such as IN4148 or BAT54. The external 5V
can be a 5V fixed input from system or a 5V output of the
IC. Note that the external boot voltage must be lower than
5.5V.
Soft-Start
The IC contains an external soft-start clamp that gradually
raises the output voltage. The soft-start timing is
programmed by the external capacitor between SS pin
and GND. The chip provides an internal 10
μAcharge current
for the external capacitor. If 47nF capacitor is used to set
the soft-start, the period will be 4.7ms (typ.).
Under Voltage Lockout Threshold
The IC includes an input Under Voltage Lockout Protection
(UVLO). If the input voltage exceeds the UVLO rising
threshold voltage (4.2V), the converter resets and prepares
the PWM for operation. If the input voltage falls below the
UVLO falling threshold voltage (3.8V) during normal
operation, the device stops switching. The UVLO rising
and falling threshold voltage includes a hysteresis to
prevent noise caused reset.
Chip Enable Operation
The EN pin is the chip enable input. Pulling the EN pin
low (<0.4V) will shutdown the device. During shutdown
mode, the RT7263B quiescent current drops to lower than
1
μA. Driving the EN pin high (2V < EN < 5.5V) will turn on
the device again. For external timing control, the EN pin
can also be externally pulled high by adding a REN resistor
and CEN capacitor from the VIN pin (see Figure 3).
SW
BOOT
5V
100nF
RT7263B
Figure 3. Enable Timing Control
An external MOSFET can be added to implement digital
control on the EN pin, as shown in Figure 4. In this case,
a 100k
Ω pull-up resistor, REN, is connected between VIN
pin and the EN pin. MOSFET Q1 will be under logic control
to pull down the EN pin.
RT7263B
GND
FB
R1
R2
VOUT
RT7263B
EN
GND
VIN
REN
CEN
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com