Electronic Components Datasheet Search
  English  ▼

X  

RT8841 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8841
Description  4/3/2/1-Phase PWM Controller for High-Density Power Supply
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8841 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8841 Datasheet HTML 1Page - Richtek Technology Corporation RT8841 Datasheet HTML 2Page - Richtek Technology Corporation RT8841 Datasheet HTML 3Page - Richtek Technology Corporation RT8841 Datasheet HTML 4Page - Richtek Technology Corporation RT8841 Datasheet HTML 5Page - Richtek Technology Corporation RT8841 Datasheet HTML 6Page - Richtek Technology Corporation RT8841 Datasheet HTML 7Page - Richtek Technology Corporation RT8841 Datasheet HTML 8Page - Richtek Technology Corporation RT8841 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RT8841
1
DS8841-01 April 2011
www.richtek.com
4/3/2/1-Phase PWM Controller for High-Density Power Supply
General Description
The RT8841 is a 4/3/2/1-phase synchronous buck
controller with 2 integrated MOSFET drivers for VR11 CPU
power application. RT8841 uses differential inductor DCR
current sense to achieve phase current balance and active
voltage positioning. Other features include adjustable
operating frequency, adjustable soft start, power good
indication, external error-amp compensation, over voltage
protection, over current protection and enable/shutdown
for various applications. RT8841 comes to a small footprint
with WQFN-40L 6x6 package
Features
12V Power Supply Voltage
4/3/2/1-Phase Power Conversion
2 Embedded MOSFET Drivers
Internal Regulated 5V Output
VID Tables for Intel VRD11/VRD10.x and AMD K8,
K8_M2 CPUs
Continuous Differential Inductor DCR Current Sense
Adjustable Soft Start
Adjustable Frequency
Power Good Indication
Adjustable Over Current Protection
Over Voltage Protection
Small 40-Lead WQFN Package
RoHS Compliant and 100% Lead(Pb)-Free
Applications
Desktop CPU Core Power
Low Voltage, High Current DC/ DC Converter
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
WQFN-40L 6x6
(TOP VIEW)
BOOT1
UGATE1
PHASE1
LGATE1
VCC12
LGATE2
PHASE2
UGATE2
BOOT2
PWM3
FBRTN
SS/EN
ADJ
FB
OFS
RT
IMAX
GND
30
29
28
27
26
25
24
23
22
21
31
32
33
34
35
36
37
38
39
40
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
COMP
VIDSEL
41
Package Type
QW : WQFN-40L 6x6 (W-Type)
RT8841
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8841

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8845B RICHTEK-RT8845B Datasheet
494Kb / 25P
Multi-Phase PWM Controller with PWM-VID Reference
January 2021
RT8845BGQW RICHTEK-RT8845BGQW Datasheet
494Kb / 25P
Multi-Phase PWM Controller with PWM-VID Reference
January 2021
RT8848A RICHTEK-RT8848A Datasheet
3Mb / 78P
Multi-Phase PWM Controller with PWM-VID Reference
February 2021
RT8848AGQW RICHTEK-RT8848AGQW Datasheet
3Mb / 78P
Multi-Phase PWM Controller with PWM-VID Reference
February 2021
RT8848BGQW RICHTEK-RT8848BGQW Datasheet
3Mb / 78P
Multi-Phase PWM Controller with PWM-VID Reference
February 2021
More results

Similar Description - RT8841

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800 RICHTEK-RT8800 Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A Datasheet
535Kb / 28P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A Datasheet
538Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800 RICHTEK-RT8800_11 Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A_12 Datasheet
659Kb / 29P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A_11 Datasheet
513Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8857 RICHTEK-RT8857 Datasheet
412Kb / 26P
4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
logo
uPI Group Inc.
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
3/2/12/1-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com