Electronic Components Datasheet Search
  English  ▼

X  

RT8841 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT8841
Description  4/3/2/1-Phase PWM Controller for High-Density Power Supply
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8841 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT8841 Datasheet HTML 18Page - Richtek Technology Corporation RT8841 Datasheet HTML 19Page - Richtek Technology Corporation RT8841 Datasheet HTML 20Page - Richtek Technology Corporation RT8841 Datasheet HTML 21Page - Richtek Technology Corporation RT8841 Datasheet HTML 22Page - Richtek Technology Corporation RT8841 Datasheet HTML 23Page - Richtek Technology Corporation RT8841 Datasheet HTML 24Page - Richtek Technology Corporation RT8841 Datasheet HTML 25Page - Richtek Technology Corporation RT8841 Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
RT8841
22
DS8841-01 April 2011
www.richtek.com
Typical Operating Characteristics
Output Voltage vs. Temperature
1.314
1.315
1.316
1.317
1.318
1.319
1.320
1.321
1.322
1.323
1.324
-40
-20
0
20
40
60
80
100
120
140
Temperature
VIN = 12V, IOUT = 0A
Frequency vs. Temperature
345
350
355
360
365
370
375
380
-40
-20
0
20406080
100
120
140
Temperature
RRT = 30.1k
Ω
(
°C)
Power Off from VTT/EN
Time (40us/Div)
SS
(2V/Div)
VOUT
(1V/Div)
PHASE
(10V/Div)
VIN = 12V, VOUT = 1.4V, IOUT = 0A
VTT/EN
(1V/Div)
Power On from VIN
Time (4ms/Div)
PGOOD
(2V/Div)
VOUT
(1V/Div)
PHASE
(10V/Div)
VIN = 12V, VOUT = 1.4V, IOUT = 0A
VIN
(10V/Div)
Power On from VTT/EN
Time (2ms/Div)
PGOOD
(1V/Div)
VOUT
(1V/Div)
PHASE
(10V/Div)
VIN = 12V, VOUT = 1.4V, IOUT = 0A
VTT/EN
(1V/Div)
Frequency vs. RRT
0
200
400
600
800
1000
1200
0
40
80
120
160
200
240
280
RRT (k ohm)
(k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com