Electronic Components Datasheet Search
  English  ▼

X  

RT8841 Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT8841
Description  4/3/2/1-Phase PWM Controller for High-Density Power Supply
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8841 Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT8841 Datasheet HTML 24Page - Richtek Technology Corporation RT8841 Datasheet HTML 25Page - Richtek Technology Corporation RT8841 Datasheet HTML 26Page - Richtek Technology Corporation RT8841 Datasheet HTML 27Page - Richtek Technology Corporation RT8841 Datasheet HTML 28Page - Richtek Technology Corporation RT8841 Datasheet HTML 29Page - Richtek Technology Corporation RT8841 Datasheet HTML 30Page - Richtek Technology Corporation RT8841 Datasheet HTML 31Page - Richtek Technology Corporation RT8841 Datasheet HTML 32Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
RT8841
30
DS8841-01 April 2011
www.richtek.com
After determining desired phase margin, according to the
following Equation :
-1
-1
2
CO
Z
ZCO
CO
P
Z
F
F
P.M.
tan
tan
45
FF
2
and
F
F =
F
⎛⎞
⎛
⎞
−≥
+
⎜⎟
⎜
⎟
⎝⎠
⎝
⎠
FZ and FP can be determined by choosing proper FCO to
FZratio to meet Equation (25). Again, R1 can be determined
by the Equation (16).
R2 can be determined by the following Equation :
2
CO
PZ
IN(MAX)
LC
CO
F
VF
R2
R1
VF
F
⎛⎞
=×
×
×
⎜⎟
⎝⎠
Other component values of the Type-III compensation can
then be calculated as :
Z
P
Z
P
1
C1
2R2 F
1
C2
1
2R2 F
C1
1
C3
2R1 F
1
R3
2C3 F
π
π
π
π
=
××
=
××
−
=
××
=
××
Layout Considerations
For best performance of the RT8841, the following
guidelines must be strictly followed :
Input bulk capacitors and MLCCS have to be put near
high side MOSFETs. The connection plane of input
capacitors and high side MOSFETs then can be kept as
square as possible.
The shape of phase planes (the connection plane
between high side MOSFETs, low side MOSFETs and
output inductors) have to be as square as possible. Long
traces, thin bars or separated islands must be avoided
in phase planes.
Keep snubber circuits or damping elements near its
objects. Phase RC snubbers have to be close to low
side MOSFETs, UGATE damping resistors have to be
close to high side MOSFETs, and boot to phase damping
resistors have to be close to high side MOSFETs and
phase planes. Also keep the traces of these snubbers
circuits as short as possible.
The area of VIN plane (power stage 12V VIN) and VOUT
plane (output bulk capacitors and inductors connection
plane) have to be as wide as possible. Long traces or
thin bars must be avoided in these planes. The plane
trace width must be wide enough to carry large input/
output current (40mil/A).
The following traces have to be wide and short : UGATE,
LGATE, BOOT, PHASE, and VCC12. Make sure the
width of these traces are wide enough to carry large
driving current(at least 40mil).
The voltage feedback loop contains two traces, VCC
and VSS, which are Kelvin sensed from CPU socket or
output capacitors. These two traces are suggested above
Figure 14. Bode Plot of Type-II Compensation
Frequency (Hz)
FZ
FP
Figure 15. Type-III Compensation
+
-
R2
C1
C2
R1
+
-
VREF
EA
R3
C3
Figure 16. Bode Plot of the Type-III Compensation
Frequency (Hz)
FZ = FZ1 = FZ2
FP = FP1 = FP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com